Electronic Components Datasheet Search
  English  ▼

X  

SLWS140 Datasheet(PDF) 40 Page - Texas Instruments

Part # SLWS140
Description  SMARTDM™ Low-Power, Low-Voltage, 1.1-V to 3.6-V 1/0, 16-Bit, 26-KSPS Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLWS140 Datasheet(HTML) 40 Page - Texas Instruments

Back Button SLWS140 Datasheet HTML 36Page - Texas Instruments SLWS140 Datasheet HTML 37Page - Texas Instruments SLWS140 Datasheet HTML 38Page - Texas Instruments SLWS140 Datasheet HTML 39Page - Texas Instruments SLWS140 Datasheet HTML 40Page - Texas Instruments SLWS140 Datasheet HTML 41Page - Texas Instruments SLWS140 Datasheet HTML 42Page - Texas Instruments SLWS140 Datasheet HTML 43Page - Texas Instruments SLWS140 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
5–4
5.6
DAC Path Digital Filter, fs = 8 kHz (see Note 4)
5.6.1
FIR Filter
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
0 to 300 Hz
–0.5
0.2
300 Hz to 3 kHz
–0.25
0.25
Filter gain relative to gain at 1020 Hz
3.3 kHz
–0.35
0.3
dB
Filter gain relative to gain at 1020 Hz
3.6 kHz
–3
dB
4 kHz
–40
≥4.4 kHz
–74
5.6.2
IIR Filter
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
0 to 300 Hz
–0.5
0.2
300 Hz to 3 kHz
–0.25
0.25
Filter gain relative to gain at 1020 Hz
3.3 kHz
–0.35
0.3
dB
Filter gain relative to gain at 1020 Hz
3.6 kHz
–3
dB
4 kHz
–20
≥4.4 kHz
–60
NOTE 4: Filter gain outside of the bandpass is measured with respect to gain at 1020 Hz. The input signal is the digital equivalent of a sine wave
(digital full scale = 0 dB). The nominal differential DAC channel output with this input condition is 4 VI(PP). The pass band is 0 Hz to 3600
Hz for an 8-kHz sample rate. This pass band scales linearly with the conversion rate.
5.7
DAC Dynamic Performance
5.7.1
OUTP/OUTM Signal-to-Noise When Load Is 600
Ω (see Note 5)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SNR
Signal to noise ratio (SNR)
VI = 0 dB
80
92
dB
SNR
Signal-to-noise ratio (SNR)
VI = –9 dB
76
83
dB
NOTE 5: Test condition is the digital equivalent of a 1020-Hz input signal with an 8-kHz conversion rate. The test is measured at the output of
the application schematic low-pass filter. The test is conducted in 16-bit mode.
5.7.2
OUTP1/OUTM1 Signal-to-Distortion When Load Is 600
Ω (see Note 5)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD
Total harmonic distortion
VI = –0 dB
78
85
THD
Total harmonic distortion
VI = –9 dB
74
83
NOTE 5: Test condition is the digital equivalent of a 1020-Hz input signal with an 8-kHz conversion rate. The test is measured at the output of
the application schematic low-pass filter. The test is conducted in 16-bit mode.
5.7.3
OUTP1/OUTM1 Signal-to-Distortion + Noise When Load Is 600
Ω (see Note 5)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Signal to total harmonic distortion + noise (THD + N)
VI = –0 dB
75
82
dB
Signal-to-total harmonic distortion + noise (THD + N)
VI = –9 dB
70
77
dB
NOTE 5: Test condition is the digital equivalent of a 1020-Hz input signal with an 8-kHz conversion rate. The test is measured at the output of
the application schematic low-pass filter. The test is conducted in 16-bit mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com