Electronic Components Datasheet Search
  English  ▼

X  

PM6680A Datasheet(PDF) 12 Page - STMicroelectronics

Part # PM6680A
Description  Dual synchronous step-down controller with adjustable output voltages plus LDO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6680A Datasheet(HTML) 12 Page - STMicroelectronics

Back Button PM6680A Datasheet HTML 8Page - STMicroelectronics PM6680A Datasheet HTML 9Page - STMicroelectronics PM6680A Datasheet HTML 10Page - STMicroelectronics PM6680A Datasheet HTML 11Page - STMicroelectronics PM6680A Datasheet HTML 12Page - STMicroelectronics PM6680A Datasheet HTML 13Page - STMicroelectronics PM6680A Datasheet HTML 14Page - STMicroelectronics PM6680A Datasheet HTML 15Page - STMicroelectronics PM6680A Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
Typical operating characteristics
PM6680A
12/48
5
Typical operating characteristics
FSEL=GND(200/300 kHz), SKIP=GND(skip mode), V5SW=EXT5V (external 5 V power
supply connected), input voltage VIN = 24 V, SHDN, EN1 and EN2 high, OUT1 = 3.3 V,
OUT2 = 1.8 V, no load unless specified)
Figure 3.
OUT1 = 3.3 V efficiency
Figure 4.
OUT2 = 1.8 V efficiency
Figure 5.
PWM no load battery current vs
input voltage
Figure 6.
Skip no load battery current vs
input voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com