Electronic Components Datasheet Search
  English  ▼

X  

PM6680A Datasheet(PDF) 20 Page - STMicroelectronics

Part # PM6680A
Description  Dual synchronous step-down controller with adjustable output voltages plus LDO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6680A Datasheet(HTML) 20 Page - STMicroelectronics

Back Button PM6680A Datasheet HTML 16Page - STMicroelectronics PM6680A Datasheet HTML 17Page - STMicroelectronics PM6680A Datasheet HTML 18Page - STMicroelectronics PM6680A Datasheet HTML 19Page - STMicroelectronics PM6680A Datasheet HTML 20Page - STMicroelectronics PM6680A Datasheet HTML 21Page - STMicroelectronics PM6680A Datasheet HTML 22Page - STMicroelectronics PM6680A Datasheet HTML 23Page - STMicroelectronics PM6680A Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
Device description
PM6680A
20/48
7.2
Constant on time architecture
Figure 29 shows the simplified block diagram of a constant on time controller. A minimum
off-time constrain (350 ns typ.) is introduced to allow inductor valley current sensing on
synchronous switch. A minimum on-time (130 ns) is also introduced to assure the start-up
switching sequence.
PM6680A has a one-shot generator for each power section that turns on the high side
MOSFET when the following conditions are satisfied simultaneously: the PWM comparator
is high, the synchronous rectifier current is below the current limit threshold, and the
minimum off-time has timed out.
Once the on-time has timed out, the high side switch is turned off, while the synchronous
switch is turned on according to the anti-cross conduction circuitry management.
When the negative input voltage at the PWM comparator (Figure 29), which is a scaled-
down replica of the output voltage (see the external R1/R2 divider in Figure 29), reaches the
valley limit (determined by internal reference Vr = 0.9 V), the low-side MOSFET is turned off
according to the anti-cross conduction logic once again, and a new cycle begins.
Figure 29.
Constant on-time block diagram
In steady state the FB pin voltage is about Vr and the regulated output voltage depends on
the external divider:
Equation 4
OUT
Vr
1
R
2
R
1
-------
+
⎝⎠
⎛⎞
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com