Electronic Components Datasheet Search
  English  ▼

X  

PM6680A Datasheet(PDF) 37 Page - STMicroelectronics

Part # PM6680A
Description  Dual synchronous step-down controller with adjustable output voltages plus LDO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6680A Datasheet(HTML) 37 Page - STMicroelectronics

Back Button PM6680A Datasheet HTML 33Page - STMicroelectronics PM6680A Datasheet HTML 34Page - STMicroelectronics PM6680A Datasheet HTML 35Page - STMicroelectronics PM6680A Datasheet HTML 36Page - STMicroelectronics PM6680A Datasheet HTML 37Page - STMicroelectronics PM6680A Datasheet HTML 38Page - STMicroelectronics PM6680A Datasheet HTML 39Page - STMicroelectronics PM6680A Datasheet HTML 40Page - STMicroelectronics PM6680A Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
PM6680A
Design guidelines
37/48
Figure 37.
Virtual ESR network
The T node voltage is the sum of the output voltage and the triangular waveform generated
by the virtual ESR network. In fact the virtual ESR network behaves like a further equivalent
ESR.
A good trade-off is to design the network in order to achieve an RESR given by:
Equation 28
where
∆IL is the inductor current ripple and V
RIPPLE is the overall ripple of the T node
voltage. It should be chosen higher than approximately 30 mV.
The new closed loop gain depends on CINT. In order to ensure stability it must be verified
that:
Equation 29
Where:
COMP
COMP
OU
OU
T
T
C
CINT
INT
R
RINT
INT
C
CFILT
FILT
t
Vr
C
COUT
OUT
COMP pin
voltage
L
L
D
D
Output
voltage
C
C
R
R
R1
R1
t
t
T
T node
voltage
∆V
∆V1
R
ROUT
OUT
∆V1
+
-
Vr
Vr
gm
gm
Vr
Vr
+
PWM
PWM
Comparator
Comparator
V1
V1
FB
FB
R
R1
1
R
R2
2
COMP
COMP
OU
OU
T
T
C
CINT
INT
R
RINT
INT
C
CFILT
FILT
t
Vr
C
COUT
OUT
COMP pin
voltage
L
L
D
D
Output
voltage
C
C
R
R
R1
R1
t
t
T
T node
voltage
∆V
∆V1
R
ROUT
OUT
∆V1
+
-
Vr
Vr
gm
gm
Vr
Vr
+
PWM
PWM
Comparator
Comparator
V1
V1
FB
FB
R
R1
1
R
R2
2
R
R1
1
R
R2
2
out
L
RIPPLE
ESR
R
I
V
R
−
∆
=
OUT
Z
m
INT
V
Vr
f
2
g
C
×
×
π
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com