Electronic Components Datasheet Search
  English  ▼

X  

XC9504 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC9504
Description  2 ch. Step-Up / Inverting DC/DC Controller ICs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9504 Datasheet(HTML) 1 Page - Torex Semiconductor

  XC9504 Datasheet HTML 1Page - Torex Semiconductor XC9504 Datasheet HTML 2Page - Torex Semiconductor XC9504 Datasheet HTML 3Page - Torex Semiconductor XC9504 Datasheet HTML 4Page - Torex Semiconductor XC9504 Datasheet HTML 5Page - Torex Semiconductor XC9504 Datasheet HTML 6Page - Torex Semiconductor XC9504 Datasheet HTML 7Page - Torex Semiconductor XC9504 Datasheet HTML 8Page - Torex Semiconductor XC9504 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
1/53
XC9504 Series
2 ch. Step-Up / Inverting DC/DC Controller ICs
■GENERAL DESCRIPTION
The XC9504 series are PWM control, PWM/PFM switching, 2 channel (step-up and inverting) DC/DC controller ICs.
With 0.9V of standard voltage supply internal, and using externally connected components, the output 1 voltage (step-up
DC/DC controller) can be set freely within a range of 1.5V ~ 30V.
Since output 2 (inverting DC/DC controller) has a built-in
0.9V reference voltage (accuracy ±2%), a negative voltage can be set with the external components.
With a 180kHz frequency, the size of the external components can be reduced.
Oscillation frequencies of 300kHz are also
available as custom designed products.
The control of the XC9504 series can be switched between PWM control and PWM/PFM automatic switching control using
external signals.
Control switches from PWM to PFM during light loads when automatic switching is selected and the series
is highly efficient from light loads through to large output currents.
Noise is easily reduced with PWM control since the
frequency is fixed.
The series gives freedom of control selection so that control suited to the application can be selected.
Soft-start time is internally set to 10ms (output 1) which offers protection against rush currents and voltage overshoot when
the power is switched on.
■APPLICATIONS
●Power supplies for LCD
●PDAs
●Palm top computers
●Portable audio systems
●Various multi-function power supplies
■FEATURES
2ch. DC/DC Controller (Step-Up + Inverting)
<Output 1: Step-Up DC/DC Controller>
Output Voltage Range : 1.5V ~ 30V (set by FB1 pin)
Output Current
: More than 20mA
(VIN=3.3V, VOUT=15V)
Soft-Start Internally Set-Up
<Output 2: Inverting DC/DC Controller >
Output Voltage Range : -30V ~ 0V (set by FB2 pin)
Output Current
:
≧-20mA
(VIN=3.3V, VOUT=-7.0V)
<Common>
Supply Voltage Range : 2.0V ~ 10.0V
Input Voltage Range
: 0.9V ~ 10.0V
Oscillation Frequency : 180kHz (±15%)
*300kHz, 500kHz custom
Maximum Duty Cycle : 80% (TYP.)
Control Method
: PWM or PWM/PFM Selectable
Stand-by Function
: 3.0
μF(MAX.)
Packages
: MSOP-10, USP-10
■TYPICAL PERFORMANCE
CHARACTERISTICS
■TYPICAL APPLICATION CIRCUIT
<XC9504B092A Input: 3.3V, Output ①: 15V, Output ②: -7V>
☆Green Operation Compatible
ETR0704_001
●Output Voltage vs. Output Current


Similar Part No. - XC9504

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9504 TOREX-XC9504 Datasheet
722Kb / 50P
2ch. Step-up / Inverting DC/DC Controller ICs
More results

Similar Description - XC9504

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9502 TOREX-XC9502 Datasheet
631Kb / 40P
2ch. Step-up / down DC/DC Controller ICs
XC9501 TOREX-XC9501 Datasheet
381Kb / 24P
2ch. Step-up DC/DC Controller ICs.
XC9504 TOREX-XC9504 Datasheet
722Kb / 50P
2ch. Step-up / Inverting DC/DC Controller ICs
XC9303 TOREX-XC9303 Datasheet
244Kb / 18P
Step-Up & Down DC / DC Controller ICs
XC9505 TOREX-XC9505 Datasheet
705Kb / 47P
2ch. Step-Down / Inverting DC/DC Controller ICs
XC9110 TOREX-XC9110 Datasheet
2Mb / 35P
PFM Controlled Step-Up DC/DC Converter / Controller ICs
XC9501 TOREX-XC9501_1 Datasheet
1Mb / 27P
2ch.Step-Up/Up DC/DC Controller ICs
XC9502 TOREX-XC9502_1 Datasheet
2Mb / 43P
2ch. Step-up / down DC/DC Controller ICs
XC9505 TOREX-XC9505_1 Datasheet
3Mb / 50P
2 ch.Step-Down / Inverting DC/DC Controller ICs.
logo
Linear Technology
LT3782A LINER-LT3782A_15 Datasheet
275Kb / 20P
2-Phase Step-Up DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com