Electronic Components Datasheet Search
  English  ▼

X  

XC9504 Datasheet(PDF) 22 Page - Torex Semiconductor

Part # XC9504
Description  2 ch. Step-Up / Inverting DC/DC Controller ICs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9504 Datasheet(HTML) 22 Page - Torex Semiconductor

Back Button XC9504 Datasheet HTML 18Page - Torex Semiconductor XC9504 Datasheet HTML 19Page - Torex Semiconductor XC9504 Datasheet HTML 20Page - Torex Semiconductor XC9504 Datasheet HTML 21Page - Torex Semiconductor XC9504 Datasheet HTML 22Page - Torex Semiconductor XC9504 Datasheet HTML 23Page - Torex Semiconductor XC9504 Datasheet HTML 24Page - Torex Semiconductor XC9504 Datasheet HTML 25Page - Torex Semiconductor XC9504 Datasheet HTML 26Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
22/53
XC9504 Series
FOSC=500kHz, VOUT1= 5.0V
0
20
40
60
80
100
0.1
1
10
100
1000
Output Current 1 IOUT1 (mA)
L1=10μH(CDRH5D28), CL1=94μF(Tantalum)
SD1:CMS02, Tr1:XP161A1355P
3.3V
VIN=0.9V
2.7V
1.5V
1.2V
PWM/PFM Switching Control
PWM Control
4.2V
< 1 ch. Step-Up DC/DC Controller > (Continued)
(2) Efficiency vs. Output Current (Continued)
(Tantalum capacitor use)
FOSC=300kHz, VOUT1= 2.5V
0
20
40
60
80
100
0.1
1
10
100
1000
Output Current 1 IOUT1 (mA)
L1=15μH(CDRH5D28), CL1=94μF(Tantalum)
SD1:CMS02, Tr1:XP161A1355P
1.2V
VIN=0.9V
1.5V
PWM/PFM Switching Control
PWM Control
FOSC=300kHz, VOUT1= 3.3V
0
20
40
60
80
100
0.1
1
10
100
1000
Output Current 1 IOUT1 (mA)
L1=15μH(CDRH5D28), CL1=94μF(Tantalum)
SD1:CMS02, Tr1:XP161A1355P
1.2V
VIN=0.9V
1.5V
2.7V
PWM/PFM Switching Control
PWM Control
FOSC=300kHz, VOUT1= 5.0V
0
20
40
60
80
100
0.1
1
10
100
1000
Output Current 1 IOUT1 (mA)
L1=15μH(CDRH5D28), CL1=94μF(Tantalum)
SD1:CMS02, Tr1:XP161A1355P
1.5V
VIN=1.2V
3.3V
2.7V
4.2V
PWM/PFM Switching Control
PWM Control
FOSC=500kHz, VOUT1= 2.5V
0
20
40
60
80
100
0.1
1
10
100
1000
Output Current 1 IOUT1 (mA)
1.2V
VIN=0.9V
1.5V
L1=10μ H(CDRH5D28), CL1=94μ F(Tantalum)
SD1:CMS02, Tr1:XP161A1355P
PWM/PFM Switching Control
PWM Control
FOSC=500kHz, VOUT1= 3.3V
0
20
40
60
80
100
0.1
1
10
100
1000
Output Current 1 IOUT1 (mA)
L1=10μH(CDRH5D28), CL1=94μF(Tantalum)
SD1:CMS02, Tr1:XP161A1355P
1.2V
VIN=0.9V
1.5V
2.7V
PWM/PFM Switching Control
PWM Control
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
* Dotted Arrow Head
PWM/PFM Switching Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com