Electronic Components Datasheet Search
  English  ▼

X  

XC9504 Datasheet(PDF) 41 Page - Torex Semiconductor

Part # XC9504
Description  2 ch. Step-Up / Inverting DC/DC Controller ICs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9504 Datasheet(HTML) 41 Page - Torex Semiconductor

Back Button XC9504 Datasheet HTML 37Page - Torex Semiconductor XC9504 Datasheet HTML 38Page - Torex Semiconductor XC9504 Datasheet HTML 39Page - Torex Semiconductor XC9504 Datasheet HTML 40Page - Torex Semiconductor XC9504 Datasheet HTML 41Page - Torex Semiconductor XC9504 Datasheet HTML 42Page - Torex Semiconductor XC9504 Datasheet HTML 43Page - Torex Semiconductor XC9504 Datasheet HTML 44Page - Torex Semiconductor XC9504 Datasheet HTML 45Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 53 page
background image
41/53
XC9504
Series
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
< VOUT1 = 3.3V, VIN = 2.0V, IOUT1 =100
μA ⇔ 100mA >
● PWM Control
● PWM/PFM Switching Control
< 1 ch. Step-Up DC/DC Controller >
(Tantalum capacitor use)
(25) Load Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com