Electronic Components Datasheet Search
  English  ▼

X  

ST72F321BAR9T6 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST72F321BAR9T6
Description  64/44-pin 8-bit MCU with 32 to 60K Flash/ROM, ADC, five timers, SPI, SCI, I2C interface
PDF  187 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F321BAR9T6 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST72F321BAR9T6 Datasheet HTML 8Page - STMicroelectronics ST72F321BAR9T6 Datasheet HTML 9Page - STMicroelectronics ST72F321BAR9T6 Datasheet HTML 10Page - STMicroelectronics ST72F321BAR9T6 Datasheet HTML 11Page - STMicroelectronics ST72F321BAR9T6 Datasheet HTML 12Page - STMicroelectronics ST72F321BAR9T6 Datasheet HTML 13Page - STMicroelectronics ST72F321BAR9T6 Datasheet HTML 14Page - STMicroelectronics ST72F321BAR9T6 Datasheet HTML 15Page - STMicroelectronics ST72F321BAR9T6 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 187 page
background image
12/187
23
-
-
VDD_3
S
Digital Main Supply Voltage
24
-
-
VSS_3
S
Digital Ground Voltage
25
15
3
PF0/MCO/AIN8
I/O CT
X
ei1
X
X
X
Port F0
Main clock
out (fOSC/2)
ADC Ana-
log
Input 8
26
16
4
PF1 (HS)/BEEP
I/O CT HS
X
ei1
X
X
Port F1
Beep signal output
27
17
-
PF2 (HS)
I/O CT HS
X
ei1
X
X
Port F2
28
-
-
PF3/OCMP2_A/AIN9 I/O CT
X
XX
X
X
Port F3
Timer A Out-
put Compare
2
ADC Ana-
log
Input 9
29
18
5
PF4/OCMP1_A/
AIN10
I/O CT
X
XX
X
X
Port F4
Timer A Out-
put Compare
1
ADC Ana-
log
Input 10
30
-
-
PF5/ICAP2_A/AIN11
I/O CT
X
XX
X
X
Port F5
Timer A Input
Capture 2
ADC Ana-
log
Input 11
31
19
6
PF6 (HS)/ICAP1_A
I/O CT HS
X
X
X
X
Port F6
Timer A Input Capture 1
32
20
7
PF7 (HS)/EXTCLK_A I/O CT HS
X
XX
X
Port F7
Timer A External Clock
Source
33
21
-
VDD_0
S
Digital Main Supply Voltage
34
22
-
VSS_0
S
Digital Ground Voltage
35
23
8
PC0/OCMP2_B/
AIN12
I/O CT
X
XX
X
X
Port C0
Timer B Out-
put Compare
2
ADC Ana-
log
Input 12
36
24
9
PC1/OCMP1_B/
AIN13
I/O CT
X
XX
X
X
Port C1
Timer B Out-
put Compare
1
ADC Ana-
log
Input 13
37
25
10
PC2 (HS)/ICAP2_B
I/O CT HS
X
X
X
X
Port C2
Timer B Input Capture 2
38
26
11
PC3 (HS)/ICAP1_B
I/O CT HS
X
X
X
X
Port C3
Timer B Input Capture 1
39
27
12
PC4/MISO/ICCDATA I/O CT
X
XX
X
Port C4
SPI Master In
/ Slave Out
Data
ICC Data
Input
40
28
13
PC5/MOSI/AIN14
I/O CT
X
XX
X
X
Port C5
SPI Master
Out / Slave In
Data
ADC Ana-
log
Input 14
41
29
14
PC6/SCK/ICCCLK
I/O CT
X
XX
X
Port C6
SPI Serial
Clock
ICC Clock
Output
42
30
15
PC7/SS/AIN15
I/O CT
X
XX
X
X
Port C7
SPI Slave Se-
lect (active
low)
ADC Ana-
log
Input 15
43
-
-
PA0
I/O CT
X
ei0
X
X
Port A0
44
-
-
PA1
I/O CT
X
ei0
X
X
Port A1
45
-
-
PA2
I/O CT
X
ei0
X
X
Port A2
46
31
16
PA3 (HS)
I/O CT HS
X
ei0
X
X
Port A3
47
32
-
VDD_1
S
Digital Main Supply Voltage
Pin n°
Pin Name
Level
Port
Main
function
(after
reset)
Alternate function
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com