Electronic Components Datasheet Search
  English  ▼

X  

ST72F321BAR9T6 Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST72F321BAR9T6
Description  64/44-pin 8-bit MCU with 32 to 60K Flash/ROM, ADC, five timers, SPI, SCI, I2C interface
PDF  187 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F321BAR9T6 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST72F321BAR9T6 Datasheet HTML 26Page - STMicroelectronics ST72F321BAR9T6 Datasheet HTML 27Page - STMicroelectronics ST72F321BAR9T6 Datasheet HTML 28Page - STMicroelectronics ST72F321BAR9T6 Datasheet HTML 29Page - STMicroelectronics ST72F321BAR9T6 Datasheet HTML 30Page - STMicroelectronics ST72F321BAR9T6 Datasheet HTML 31Page - STMicroelectronics ST72F321BAR9T6 Datasheet HTML 32Page - STMicroelectronics ST72F321BAR9T6 Datasheet HTML 33Page - STMicroelectronics ST72F321BAR9T6 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 187 page
background image
30/187
SYSTEM INTEGRITY MANAGEMENT (Cont’d)
6.4.2.2 Monitoring a Voltage on the EVD pin
This mode is selected by setting the AVDS bit in
the SICSR register.
The AVD circuitry can generate an interrupt when
the AVDIE bit of the SICSR register is set. This in-
terrupt is generated on the rising and falling edges
of the comparator output. This means it is generat-
ed when either one of these two events occur:
–VEVD rises up to VIT+(EVD)
–VEVD falls down to VIT-(EVD)
The EVD function is illustrated in Figure 18.
For more details, refer to the Electrical Character-
istics section.
Figure 18. Using the Voltage Detector to Monitor the EVD pin (AVDS bit=1)
6.4.3 Low Power Modes
6.4.3.1 Interrupts
The AVD interrupt event generate an interrupt if
the corresponding Enable Control Bit (AVDIE) is
set and the interrupt mask in the CC register is re-
set (RIM instruction).
VEVD
VIT+(EVD)
VIT-(EVD)
AVDF
0
0
1
IF AVDIE = 1
Vhyst
AVD INTERRUPT
REQUEST
INTERRUPT PROCESS
INTERRUPT PROCESS
Mode
Description
WAIT
No effect on SI. AVD interrupts cause the
device to exit from Wait mode.
HALT
The SICSR register is frozen.
Interrupt Event
Event
Flag
Enable
Control
Bit
Exit
from
Wait
Exit
from
Halt
AVD event
AVDF
AVDIE
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com