Electronic Components Datasheet Search
  English  ▼

X  

W39V080AP Datasheet(PDF) 28 Page - Winbond

Part # W39V080AP
Description  1M 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39V080AP Datasheet(HTML) 28 Page - Winbond

Back Button W39V080AP Datasheet HTML 24Page - Winbond W39V080AP Datasheet HTML 25Page - Winbond W39V080AP Datasheet HTML 26Page - Winbond W39V080AP Datasheet HTML 27Page - Winbond W39V080AP Datasheet HTML 28Page - Winbond W39V080AP Datasheet HTML 29Page - Winbond W39V080AP Datasheet HTML 30Page - Winbond W39V080AP Datasheet HTML 31Page - Winbond W39V080AP Datasheet HTML 32Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
W39V080A
- 28 -
Timing Waveforms for LPC Interface Mode, continued
14.5 Toggle Bit Timing Diagram
Read the DQ6 to see if the internal write complete or not.
LAD[3:0]
Start
Memory
Read
Cycle
Load Address in 8 Clocks
CLK
1 Clock
1 Clock
TAR
Next Start
1 Clock
2 Clocks
1 Clock
010Xb
0000b
XXXXb
XXXXb
XXXXb
Address
Sync
TAR
1111b
Tri-State
0000b
Data out 2 Clocks
X,D6,XXb
Data
XXXXb
0000b
LAD[3:0]
Start
Memory
Read
Cycle
Load Address in 8 Clocks
CLK
1 Clock
TAR
Next Start
1 Clock
2 Clocks
1 Clock
010Xb
0000b
XXXXb
XXXXb
XXXXb
Address
Sync
TAR
1111b
Tri-State
0000b
Data out 2 Clocks
Data
0000b
When internal write complete, the DQ6 will stop toggle.
X,D6,XXb
XXXXb
LAD[3:0]
1st Start
Load Address "An" in 8 Clocks
CLK
1 Clock
1 Clock
TAR
Start next
command
1 Clock
2 Clocks
1 Clock
011Xb
0000b
XXXXb
XXXXb
XXXXb
An[15:12]
Load Data "Dn"
in 2 Clocks
Dn[7:4]
Write the last command(program or erase) to the device in LPC mode.
Address
Sync
TAR
Data
1111b
Tri-State
0000b
An[11:8]
An[7:4]
An[3:0]
Dn[3:0]
An[19:16]
Memory
Write
Cycle
XXXXb
XXXXb
XXXXb
XXXXb
XXXXb
XXXXb
XXXXb
XXXXb
XXXXb
XXXXb
1 Clock
#LFRAME
#RESET
#LFRAME
#RESET
#LFRAME
#RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com