Electronic Components Datasheet Search
  English  ▼

X  

TMP392 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMP392
Description  TMP392 Ultra-Small, Dual-Channel (Hot and Warm Trip), 0.5-μA, Resistor-Programmable Temperature Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP392 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP392 Datasheet HTML 3Page - Texas Instruments TMP392 Datasheet HTML 4Page - Texas Instruments TMP392 Datasheet HTML 5Page - Texas Instruments TMP392 Datasheet HTML 6Page - Texas Instruments TMP392 Datasheet HTML 7Page - Texas Instruments TMP392 Datasheet HTML 8Page - Texas Instruments TMP392 Datasheet HTML 9Page - Texas Instruments TMP392 Datasheet HTML 10Page - Texas Instruments TMP392 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
RSETA
RSETB
VDD
VDD or VDDIO
RP
RP
SETA
SETB
OUTB
RSETA and RSETB select trip
thresholds and hysteresis options.
TMP39x
C
OUTA
7
TMP392
www.ti.com
SNIS216 – NOVEMBER 2019
Product Folder Links: TMP392
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TMP392 ultra-low power, dual channel, resistor programmable temperature switches enable detection and
protection of system thermal events over a wide temperature range. The TMP392 offers dual overtemperature
(hot and warm) detection. Channel A is referred to as the hot channel, and Channel B is referred to as the warm
channel. The trip temperatures and hysteresis options are programmed by two E96-series (1%) standard decade
value resistors on the SETA and SETB pins. The TMP392 can enable a customer board-level manufacturing test
through the trip test function that can force the SETA or SETB pins to logic high to activates the digital outputs.
7.2 Functional Block Diagram
Figure 7. Simplified Schematic
7.3 Feature Description
The TMP392 requires two resistors to set the two trip points and hysteresis, according to Table 1 and Table 2 for
the hot and warm channel device. The output of the TMP392 is open-drain and requires two pullup resistors. TI
recommends to use a pullup voltage supply that does not exceed VDD + 0.3 V. The pullup resistors used in
between the OUTA and OUTB pins and the pullup supply should be greater than 1 kΩ. The device powers on
when the supply voltage goes beyond 1.5 V, and starts sampling the input resistors to set the two trip points and
hysteresis value after power-on. These values will remain the same until the device goes through a power cycle.
After the device sets the trip points and hysteresis level, the device will update the output every half a second.
The conversion time is typically 0.65 ms when the temperature is checked against the trip points and the outputs
are updated. The device remains in standby mode between conversions. If either channel is not used, the output
can be grounded or left floating.
7.3.1 TMP392 Programming Tables
The temperature threshold and hysteresis options for the TMP392 device are programmed using two external
1% E96 standard resistors. The specific resistor value to ground on the SETA input sets the temperature
threshold of channel A. The specific resistor value to ground on the SETB input sets the temperature threshold of
channel B, as well as the hysteresis for both channel A and channel B.
Table 1. TMP392 Channel A Threshold Setting
CHANNEL A (HOT)
TRIP TEMPERATURE
(°C)
CHANNEL A NOMINAL 1%
RESISTORS (KΩ)
CHANNEL A (HOT) TRIP RESET
TEMPERATURE (°C) FOR
HYSTERESIS = 5°C
CHANNEL A (HOT) TRIP RESET
TEMPERATURE (°C) FOR
HYSTERESIS = 10°C
30
1.05
25
20
32
1.21
27
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com