Electronic Components Datasheet Search
  English  ▼

X  

TMP392 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMP392
Description  TMP392 Ultra-Small, Dual-Channel (Hot and Warm Trip), 0.5-μA, Resistor-Programmable Temperature Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP392 Datasheet(HTML) 1 Page - Texas Instruments

  TMP392 Datasheet HTML 1Page - Texas Instruments TMP392 Datasheet HTML 2Page - Texas Instruments TMP392 Datasheet HTML 3Page - Texas Instruments TMP392 Datasheet HTML 4Page - Texas Instruments TMP392 Datasheet HTML 5Page - Texas Instruments TMP392 Datasheet HTML 6Page - Texas Instruments TMP392 Datasheet HTML 7Page - Texas Instruments TMP392 Datasheet HTML 8Page - Texas Instruments TMP392 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
RSETA
RSETB
VDD
VDD or VDDIO
TMP39x
RP
RP
SETA
SETB
OUTA
OUTB
Optional Trip
Test
RSETA and RSETB select trip
thresholds and hysteresis options.
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TMP392
SNIS216 – NOVEMBER 2019
TMP392 Ultra-Small, Dual-Channel (Hot and Warm Trip), 0.5-µA, Resistor-Programmable
Temperature Switch
1
1 Features
1
•
Resistor programmable temperature trip points
and hysteresis options
–
Resistor tolerances contribute zero error
–
Hysteresis options: 5°C, 10°C and 20°C
•
Dual outputs for overtemperature detection
–
Channel A (overtemperature-hot): +30 to
+124°C, 2°C steps
–
Channel B (overtemperature-warm): +30 to
+105°C, 5°C steps
•
Accuracy level options (maximum at +30°C to
+130°C):
–
A2 Level: ±3.0°C (±1.5°C from +30°C to
+70°C)
–
A3 Level: ±3.5°C (±2.0°C from +30°C to
+70°C)
•
Ultra-low power consumption: 0.5 µA typical at
25°C
•
Supply voltage: 1.62 to 5.5 V
•
Open-drain outputs
•
Trip test function enables in-system testing
•
Available in a SOT-563 (1.60-mm × 1.20-mm),
6-pin package
2 Applications
•
DC/AC inverter
•
DC/DC converter
•
Temperature transmitters
•
Environmental control systems (ECS)
•
Power tools
•
Power banks
•
Lighting Control
•
Industrial Robots
•
Machine Vision
•
STB & DVR
•
WLAN/Wi-Fi access points
3 Description
The TMP392 device is part of a family of ultra-low
power,
dual
channel,
resistor
programmable
temperature switches that enable protection and
detection of system thermal events from 30°C to
130°C. The TMP392 offers dual overtemperature (hot
and warm) detection. The trip temperatures (TTRIP)
and
thermal
hysteresis
(THYST)
options
are
programmed
by
two
E96-series
resistors
(1%
tolerance) on the SETA and SETB pins. Channel A
resistors can range from 1.05 K
Ω to 909 KΩ,
representing one of 48 unique values. Channel B
resistors can range from 10.5 K
Ω to 909 KΩ
The value of the resistor to ground on SETA input
sets the TTRIP threshold of Channel A. The value of
the resistor to ground on SETB input sets the TTRIP
threshold of Channel B, as well as the THYST options
of 5°C, or 10°C for both channels, to prevent
undesired digital output switching. When the SETB
input is connected to ground, Channel A operates
with 20°C hysteresis. Resistors accuracy has no
impact to TTRIP accuracy.
To enable customer board-level manufacturing, the
TMP392 supports a trip test function where the digital
outputs are activated by exercising the SETA or
SETB pin.
Device Information(1)
PART
NUMBER
PACKAGE
BODY SIZE (NOM)
TMP392
SOT-563 (6)
1.60 mm × 1.20 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Device Comparison
PART NUMBER
FUNCTION
OUTPUT TYPE
TMP390
Hot / Cold
Open-Drain
TMP392
Hot / Warm
Simplified Schematic


Similar Part No. - TMP392

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP392 TI1-TMP392 Datasheet
1Mb / 27P
TMP392 Ultra-Small, Dual-Channel (Hot and Warm Trip), 0.5-關A, Resistor-Programmable Temperature Switch
TMP392 TI2-TMP392 Datasheet
838Kb / 27P
TMP390 Ultra-Small, Dual-Channel (Hot and Cold Trip), 0.5-μA, Resistor- Programmable Temperature Switch
REVISED AUGUST 2020
TMP392A2DRLR TI1-TMP392A2DRLR Datasheet
1Mb / 27P
TMP392 Ultra-Small, Dual-Channel (Hot and Warm Trip), 0.5-關A, Resistor-Programmable Temperature Switch
TMP392A2DRLT TI1-TMP392A2DRLT Datasheet
1Mb / 27P
TMP392 Ultra-Small, Dual-Channel (Hot and Warm Trip), 0.5-關A, Resistor-Programmable Temperature Switch
TMP392A3DRLR TI1-TMP392A3DRLR Datasheet
1Mb / 27P
TMP392 Ultra-Small, Dual-Channel (Hot and Warm Trip), 0.5-關A, Resistor-Programmable Temperature Switch
More results

Similar Description - TMP392

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP300 BURR-BROWN-TMP300 Datasheet
448Kb / 14P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and
logo
National Semiconductor ...
LM57 NSC-LM57 Datasheet
572Kb / 18P
Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Texas Instruments
LM57 TI-LM57_15 Datasheet
1Mb / 40P
LM57 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
TMP300 TI1-TMP300_16 Datasheet
965Kb / 20P
Resistor-Programmable Temperature Switch
LM57 TI1-LM57 Datasheet
1Mb / 40P
Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI1-LM57-Q1 Datasheet
1Mb / 38P
Resistor-Programmable Temperature Switch and Analog Temperature Sensor
TMP390 TI1-TMP390 Datasheet
995Kb / 28P
Ultra-Small, Dual-Channel, 0.5-關A, Resistor-Programmable Temperature Switch
TMP390-Q1 TI1-TMP390-Q1 Datasheet
516Kb / 24P
TMP390-Q1 Ultra-Small, Dual-Channel, 0.5-關A, Resistor-Programmable Hot and Cold Trip Temperature Switch
TMP392 TI1-TMP392 Datasheet
1Mb / 27P
TMP392 Ultra-Small, Dual-Channel (Hot and Warm Trip), 0.5-關A, Resistor-Programmable Temperature Switch
TMP390-Q1 TI1-TMP390-Q1_V01 Datasheet
1Mb / 27P
TMP390-Q1 Ultra-Small, Dual-Channel, 0.5-關A, Resistor-Programmable Hot and Cold Trip Temperature Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com