Electronic Components Datasheet Search
  English  ▼

X  

TMP392 Datasheet(PDF) 11 Page - Texas Instruments

Part # TMP392
Description  TMP392 Ultra-Small, Dual-Channel (Hot and Warm Trip), 0.5-μA, Resistor-Programmable Temperature Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP392 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP392 Datasheet HTML 7Page - Texas Instruments TMP392 Datasheet HTML 8Page - Texas Instruments TMP392 Datasheet HTML 9Page - Texas Instruments TMP392 Datasheet HTML 10Page - Texas Instruments TMP392 Datasheet HTML 11Page - Texas Instruments TMP392 Datasheet HTML 12Page - Texas Instruments TMP392 Datasheet HTML 13Page - Texas Instruments TMP392 Datasheet HTML 14Page - Texas Instruments TMP392 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
RSETA
RSETB
VDD
VDD or VDDIO
TMP39x
RP
RP
SETA
SETB
OUTA
OUTB
Optional Trip
Test
RSETA and RSETB select trip
thresholds and hysteresis options.
11
TMP392
www.ti.com
SNIS216 – NOVEMBER 2019
Product Folder Links: TMP392
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Applications Information
The TMP392 device is part of a family of ultra-low power, dual channel, resistor programmable temperature
switches that can enable detection and protection of system thermal events over a wide temperature range. The
trip temperatures (TTRIP) and hysteresis options are programmed by two E96-series (1%) standard decade value
resistors on the SETA and SETB pins. The thermal hysteresis (THYST) function is to prevent undesired digital
output switching due to small temperature changes.
8.2 Typical Applications
8.2.1 Simplified Application Schematic
Figure 9 shows the simplified schematic where RSETA and RSETB are used to set channel A trip point (SETA) and
channel B trip point and hysteresis for both channels (SETB). SETA and SETB can be programmed at a variety
of temperatures based on the device, as described in Table 1 for channel A trip point, and Table 2 for channel B
trip point and hysteresis for both channels. OUTA and OUTB outputs correspond to the temperature threshold
detection at SETA and SETB, respectively.
Figure 9. Simplified Schematic
8.2.1.1 Design Requirements
The TMP392 requires two resistors to set the high and low trip points and hysteresis, and two pullup resistors for
the open-drain device. TI also highly recommends to place a 0.1-µF, power-supply bypassing capacitor close to
the VDD supply pin. To minimize the internal power dissipation, use two pullup resistors greater than 1 kΩ from
the OUTA and OUTB pins to the VDD pin. A separate supply, VDDIO, may be used for the pullup voltage to set
the output voltage level to the level required by the MCU, as shown in Figure 9. The open-drain output gives
flexibility of pulling up to any voltage independent of VDD (VDDIO must be less than or equal to VDD + 0.3 V).
This allows for use of longer cables or different power supply options. If a separate voltage level is not required,
TI recommends to tie the pullup to the TMP392 VDD.
If the SETA or SETB connected resistor value is outside the legal range, the associated output goes to
permanent output zero stage and the channel cannot be used. The other channel still will be in operating
condition, and device can be used in one channel mode. If the SETB input is grounded or left floating, the
Channel B cannot be used and the hysteresis for Channel A will be 20°C. The SETA and SETB connected
resistors are measured during POR. If two consecutive measurements are not matching each other, then the
device sets the associated channel output to zero and repeats the resistor measurements until the
measurements match. When the measurements match, the channel output is released. Note that it is possible to
connect some device outputs together by shorting the OUTA or OUTB line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com