Electronic Components Datasheet Search
  English  ▼

X  

TMP441 Datasheet(PDF) 15 Page - Texas Instruments

Part # TMP441
Description  ±1°C TEMPERATURE SENSOR with Automatic Beta Compensation, Series-R, and h-Factor in a SOT23-8
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP441 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMP441 Datasheet HTML 11Page - Texas Instruments TMP441 Datasheet HTML 12Page - Texas Instruments TMP441 Datasheet HTML 13Page - Texas Instruments TMP441 Datasheet HTML 14Page - Texas Instruments TMP441 Datasheet HTML 15Page - Texas Instruments TMP441 Datasheet HTML 16Page - Texas Instruments TMP441 Datasheet HTML 17Page - Texas Instruments TMP441 Datasheet HTML 18Page - Texas Instruments TMP441 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
η-FACTOR CORRECTION REGISTER
hkT
q
V
=
-
BE2
BE1
V
ln
I
2
I
1
()
(1)
SOFTWARE RESET
1.008
300
300
N
´
-
ADJUST
heff =
(2)
IDENTIFICATION REGISTERS
300
1.008
´
heff
N
ADJUST
=300 -
(3)
1.000
300
300
N
´
-
ADJUST
heff =
(4)
300
1.000
´
heff
N
ADJUST
=300 -
(5)
TMP441
TMP442
www.ti.com .............................................................................................................................................. SBOS425A – DECEMBER 2008 – REVISED MARCH 2009
Table 9.
η-Factor Range
NADJUST
The TMP441/42 allow for a different
η-factor value to
η-FACTOR
η-FACTOR
BINARY
HEX
DECIMAL
= 1.008
= 1.000
be
used
for
converting
remote
channel
0111 1111
7F
127
1.747977
1.734104
measurements to temperature. The remote channel
uses
sequential
current
excitation
to
extract
a
0000 1010
0A
10
1.042759
1.034482
differential VBE voltage measurement to determine
0000 1000
08
8
1.035616
1.027397
the temperature of the remote transistor. Equation 1
0000 0110
06
6
1.028571
1.020408
relates this voltage and temperature.
0000 0100
04
4
1.021622
1.013513
0000 0010
02
2
1.014765
1.006711
0000 0001
01
1
1.011371
1.003344
0000 0000
00
0
1.008
1.000
The value
η in Equation 1 is a characteristic of the
1111 1111
FF
–1
1.004651
0.996677
particular transistor used for the remote channel.
1111 1110
FE
–2
1.001325
0.993377
When the beta compensation configuration is set to
1111 1100
FC
–4
0.994737
0.986842
'0111' (beta compensation disabled) or the sensor is
1111 1010
FA
–6
0.988235
0.980392
diode-connected (base shorted to collector), the
1111 1000
F8
–8
0.981818
0.974025
η-factor used by the TMP441/42 is 1.008. When the
1111 0110
F6
–10
0.975484
0.967741
beta compensation configuration is set to '1000' (beta
1000 0000
80
–128
0.706542
0.700934
compensation enabled) and the sensor is GND
collector-connected (PNP collector to ground), the
η-factor used by the TMP441/42 is 1.000. If the
η-factor used for the temperature conversion does
The TMP441/42 may be reset by writing any value to
not match the characteristic of the sensor, then
the Software Reset Register (pointer address FCh).
temperature offset is observed. The value in the
This action restores the power-on reset state to all of
η-Factor Correction Register may be used to adjust
the TMP441/42 registers as well as aborts any
the effective
η-factor according to Equation 2 and
conversion in process. The TMP441/42 also support
Equation 3 for disabled beta compensation or a
reset via the Two-Wire general call address (0000
diode-connected sensor. Equation 4 and Equation 5
0000). The TMP441/42 acknowledge the general call
may be used for enabled beta compensation and a
address and respond to the second byte. If the
GND collector-connected sensor.
second byte is 0000 0110, the TMP441/42 execute a
software reset. The TMP441/42 do not respond to
other values in the second byte.
The TMP441/42 allow for the Two-Wire bus controller
to query the device for manufacturer and device IDs
to enable software identification of the device at the
particular Two-Wire bus address. The manufacturer
ID is obtained by reading from pointer address FEh.
The device ID is obtained by reading from pointer
The
η-correction value must be stored in twos
address FFh. The TMP441/42 both return 55h for the
complement format, yielding an effective data range
manufacturer code. The TMP441 returns 41h for the
from –128 to +127. Table 9 shows the
η-factor range
device ID and the TMP442 returns 42h for the device
for both 1.008 and 1.000. The
η-correction value may
ID. These registers are read-only.
be written to and read from pointer address 21h. (The
η-correction value for the second remote channel is
read to/written from pointer address 22h.) The
register power-on reset value is 00h, thus having no
effect unless the register is written to.
space
space
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): TMP441 TMP442



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com