Electronic Components Datasheet Search
  English  ▼

X  

TMP441 Datasheet(PDF) 20 Page - Texas Instruments

Part # TMP441
Description  ±1°C TEMPERATURE SENSOR with Automatic Beta Compensation, Series-R, and h-Factor in a SOT23-8
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP441 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMP441 Datasheet HTML 16Page - Texas Instruments TMP441 Datasheet HTML 17Page - Texas Instruments TMP441 Datasheet HTML 18Page - Texas Instruments TMP441 Datasheet HTML 19Page - Texas Instruments TMP441 Datasheet HTML 20Page - Texas Instruments TMP441 Datasheet HTML 21Page - Texas Instruments TMP441 Datasheet HTML 22Page - Texas Instruments TMP441 Datasheet HTML 23Page - Texas Instruments TMP441 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
HIGH-SPEED MODE
UNDERVOLTAGE LOCKOUT
TIMEOUT FUNCTION
GENERAL CALL RESET
SHUTDOWN MODE (SD)
FILTERING
SENSOR FAULT
TMP441
TMP442
SBOS425A – DECEMBER 2008 – REVISED MARCH 2009 .............................................................................................................................................. www.ti.com
When
not
using
the
remote
sensor
with
the
TMP441/42, the DXP and DXN inputs must be
In order for the Two-Wire bus to operate at
connected together to prevent meaningless fault
frequencies above 400kHz, the master device must
warnings.
issue a High-Speed mode (Hs-mode) master code
(0000 1xxx) as the first byte after a START condition
to switch the bus to high-speed operation. The
TMP441/42 acknowledge this byte, but switch the
The
TMP441/42
sense
when
the
power-supply
input filters on SDA and SCL and the output filter on
voltage has reached a minimum voltage level for the
SDA to operate in Hs-mode, allowing transfers at up
ADC to function. The detection circuitry consists of a
to 3.4MHz. After the Hs-mode master code has been
voltage comparator that enables the ADC after the
issued, the master transmits a Two-Wire slave
power supply (V+) exceeds 2.45V (typical). The
address to initiate a data transfer operation. The bus
comparator output is continuously checked during a
continues to operate in Hs-mode until a STOP
conversion. The TMP441/42 do not perform a
condition occurs on the bus. Upon receiving the
temperature conversion if the power supply is not
STOP condition, the TMP441/42 switch the input and
valid. The PVLD bit (bit 1, see Table 3) of the
output filters back to fast mode operation.
Local/Remote Temperature Register is set to '1' and
the temperature result may be incorrect.
The TMP441/42 reset the serial interface if either
SCL or SDA are held low for 32ms (typical) between
The TMP441/42 support reset via the Two-Wire
a START and STOP condition. If the TMP441/42 are
General
Call
address
00h
(0000
0000b).
The
holding the bus low, they release the bus and waits
TMP441/42 acknowledge the General Call address
for a START condition. To avoid activating the
and respond to the second byte. If the second byte is
timeout function, it is necessary to maintain a
06h
(0000
0110b),
the
TMP441/42
execute
a
communication speed of at least 1kHz for the SCL
software reset. This software reset restores the
operating frequency.
power-on reset state to all TMP441/42 registers, and
aborts any conversion in progress. The TMP441/42
take no action in response to other values in the
second byte.
The TMP441/42 Shutdown Mode allows maximum
power to be saved by shutting down all device
circuitry other than the serial interface, reducing
current consumption to typically less than 3
µA; see
Remote junction temperature sensors are usually
Figure 6, Shutdown Quiescent Current vs Supply
implemented in a noisy
environment.
Noise
is
Voltage. Shutdown Mode is enabled when the SD bit
frequently generated by fast digital signals and if not
of the Configuration Register is high; the device shuts
filtered properly will induce errors that can corrupt
down once the current conversion is completed.
temperature measurements. The TMP441/42 have a
When SD is low, the device maintains a continuous
built-in 65kHz filter on the inputs of DXP and DXN to
conversion state.
minimize the effects of noise. However, a differential
low-pass filter can help attenuate unwanted coupled
signals. If filtering is needed, suggested component
values are 100pF and 50
Ω on each input; exact
The TMP441/42 can sense a fault at the DXP input
values
are
application-specific.
It
is
also
resulting from incorrect diode connection and can
recommended that the capacitor value remains
sense an open circuit. Short-circuit conditions return a
between 0pF to 330pF with a series resistance less
value of –64°C. The detection circuitry consists of a
than 1k
Ω.
voltage comparator that trips when the voltage at
DXP exceeds (V+) – 0.6V (typical). The comparator
output is continuously checked during a conversion. If
a fault is detected, the OPEN bit (bit 0) in the
temperature result register is set to '1' and the rest of
the register bits should be ignored.
20
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TMP441 TMP442



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com