Electronic Components Datasheet Search
  English  ▼

X  

TMP441 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMP441
Description  ±1°C TEMPERATURE SENSOR with Automatic Beta Compensation, Series-R, and h-Factor in a SOT23-8
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP441 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMP441 Datasheet HTML 4Page - Texas Instruments TMP441 Datasheet HTML 5Page - Texas Instruments TMP441 Datasheet HTML 6Page - Texas Instruments TMP441 Datasheet HTML 7Page - Texas Instruments TMP441 Datasheet HTML 8Page - Texas Instruments TMP441 Datasheet HTML 9Page - Texas Instruments TMP441 Datasheet HTML 10Page - Texas Instruments TMP441 Datasheet HTML 11Page - Texas Instruments TMP441 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
APPLICATION INFORMATION
0.1 F
m
10kW
(typ)
10kW
(typ)
TMP441
DXP
DXN
V+
8
7
6
5
2
1
R
S
(2)
R
S
(2)
C
DIFF
(3)
C
DIFF
(3)
R
S
(2)
R
S
(2)
GND
SCL
SDA
+5V
SMBus
Controller
Diode-connectedtransistorconfiguration :
(1)
SeriesResistance
GNDcollector-connectedtransistorconfiguration:
(1)
(1)Diode-connectedtransistorconfigurationprovidesbettersettlingtime.
GNDcollector-connectedtransistorconfigurationprovidesbetterseriesresistancecancellation.
(2)R shouldbe<1kW inmostapplications.SelectionofR dependsonapplication;seethe
section.
Filtering
S
S
(3)C
shouldbe<500pFinmostapplications.SelectionofC
dependsonapplication;
DIFF
DIFF
NOTES:
A1
A0
4
3
seethe
sectionandFigure9,
Filtering
RemoteTemperatureErrorvsDifferentialCapacitance.
TMP442
DXP1
DXN1
5
2
1
R
S
(2)
R
S
(2)
C
DIFF
(3)
C
DIFF
(3)
R
S
(2)
R
S
(2)
GND
Diode-connectedtransistorconfiguration :
(1)
SeriesResistance
GNDcollector-connectedtransistorconfiguration:
(1)
(1)Diode-connectedtransistorconfigurationprovidesbettersettlingtime.
GNDcollector-connectedtransistorconfigurationprovidesbetterseriesresistancecancellation.
(2)R shouldbe<1kW inmostapplications.
SelectionofR dependsonapplication;seethe
section.
SelectionofC
dependsonapplication;
Filtering
(3)C
shouldbe<500pFinmostapplications.
S
S
DIFF
DIFF
NOTES:
DXP2
DXN2
4
3
R
S
(2)
R
S
(2)
C
DIFF
(3)
0.1 F
m
10kW
(typ)
10kW
(typ)
V+
8
7
6
SCL
SDA
+5V
SMBus
Controller
DXP1
DXN1
DXP2
DXN2
seethe
sectionandFigure9,
Filtering
RemoteTemperatureErrorvsDifferentialCapacitance.
TMP441
TMP442
SBOS425A – DECEMBER 2008 – REVISED MARCH 2009 .............................................................................................................................................. www.ti.com
For proper remote temperature sensing operation, the
The TMP441/42 are digital temperature sensors that
TMP441
requires
only
a
transistor
connected
combine
a
local
die
temperature
measurement
between DXP and DXN; the TMP442 requires
channel and one (TMP441) or two (TMP442) remote
transistors connected between DXP1 and DXN1 and
junction temperature measurement channels in a
between DXP2 and DXN2. The SCL and SDA
single
SOT23-8
package.
The
TMP441/42
are
interface pins require pull-up resistors as part of the
Two-Wire- and SMBus interface-compatible and are
communication bus. A 0.1
µF power-supply bypass
specified over a temperature range of –40°C to
capacitor is recommended for good local bypassing.
+125°C. The TMP441/42 contain multiple registers
Figure 12 shows a typical configuration for the
for holding configuration information and temperature
TMP441; Figure 13 shows a typical configuration for
measurement results.
the TMP442.
Figure 12. TMP441 Basic Connections
Figure 13. TMP442 Basic Connections
8
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TMP441 TMP442



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com