Electronic Components Datasheet Search
  English  ▼

X  

TPA112 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPA112
Description  150-mW STEREO AUDIO POWER AMPLIFIER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA112 Datasheet(HTML) 2 Page - Texas Instruments

  TPA112 Datasheet HTML 1Page - Texas Instruments TPA112 Datasheet HTML 2Page - Texas Instruments TPA112 Datasheet HTML 3Page - Texas Instruments TPA112 Datasheet HTML 4Page - Texas Instruments TPA112 Datasheet HTML 5Page - Texas Instruments TPA112 Datasheet HTML 6Page - Texas Instruments TPA112 Datasheet HTML 7Page - Texas Instruments TPA112 Datasheet HTML 8Page - Texas Instruments TPA112 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATING TABLE
TPA112
SLOS212E – AUGUST 1998 – REVISED JUNE 2004
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OPTIONS
PACKAGED DEVICES
MSOP
TA
SMALL OUTLINE(1)
MSOP(1)
SYMBOLIZATION
(D)
(DGN)
–40
°C to 85°C
TPA112D
TPA112DGN
TI AAD
(1)
The D and DGN packages are available in left-ended tape and reel only (e.g., TPA112DR,
TPA112DGNR).
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
GND
4
I
GND is the ground connection.
IN1-
2
I
IN1- is the inverting input for channel 1.
IN1+
3
I
IN1+ is the noninverting input for channel 1.
IN2-
6
I
IN2- is the inverting input for channel 2.
IN2+
5
I
IN2+ is the noninverting input for channel 2.
VDD
8
I
VDD is the supply voltage terminal.
VO1
1
O
VO1 is the audio output for channel 1.
VO2
7
O
VO2 is the audio output for channel 2.
over operating free-air temperature range (unless otherwise noted)(1)
UNIT
VDD
Supply voltage
6 V
VI
Differential input voltage
–0.3 V to VDD + 0.3 V
II
Input current
±2.5 µA
IO
Output current
±250 mA
Continuous total power dissipation
Internally llimited
TJ
Operating junction temperature range
–40
°C to 150°C
Tstg
Storage temperature range
–65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under "absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
D
725 mW
5.8 mW/
°C
464 mW
377 mW
DGN
2.14 W(1)
17.1 mW/
°C
1.37 W
1.11 W
(1)
See the Texas Instruments document, PowerPAD Thermally Enhanced Package Application Report
(SLMA002), for more information on the PowerPAD package. The thermal data was measured on a
PCB layout based on the information in the section entitled Texas Instruments Recommended Board
for PowerPAD, of that document.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com