Electronic Components Datasheet Search
  English  ▼

X  

TPA112 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPA112
Description  150-mW STEREO AUDIO POWER AMPLIFIER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA112 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPA112 Datasheet HTML 17Page - Texas Instruments TPA112 Datasheet HTML 18Page - Texas Instruments TPA112 Datasheet HTML 19Page - Texas Instruments TPA112 Datasheet HTML 20Page - Texas Instruments TPA112 Datasheet HTML 21Page - Texas Instruments TPA112 Datasheet HTML 22Page - Texas Instruments TPA112 Datasheet HTML 23Page - Texas Instruments TPA112 Datasheet HTML 24Page - Texas Instruments TPA112 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
www.ti.com
1
C
B
R
SOURCE
v
1
C
I RI
1
R
LCC
(6)
MIDRAIL BYPASS CAPACITOR, CB
1
C
B
R
SOURCE
v
1
C
I RI
(7)
6.25 v 50
(8)
OUTPUT COUPLING CAPACITOR, CC
f
(out high) +
1
2p R
L CC
(9)
TPA112
SLOS212E – AUGUST 1998 – REVISED JUNE 2004
APPLICATION INFORMATION (continued)
Where CBYPASS is the value of the bypass capacitor, and RSOURCE is the equivalent source impedance of the
voltage divider (the parallel combination of the two resistors). For example, if the voltage divider is constructed
using two 20-k
Ω resistors, then R
SOURCE is 10 kΩ.
The midrail bypass capacitor CB serves several important functions. During start-up, CB determines the rate at
which the amplifier starts up. This helps to push the start-up pop noise into the subaudible range (so slow it can
not be heard). The second function is to reduce noise produced by the power supply caused by coupling into the
output drive signal. This noise is from the midrail generation circuit internal to the amplifier. The capacitor is fed
from the resistor divider with equivalent resistance of RSOURCE. To keep the start-up pop as low as possible, the
relationship shown in Equation 7 should be maintained.
As an example, consider a circuit where CB is 1 µF, RSOURCE = 160 kΩ, CI is 1 µF, and RI is 20 kΩ. Inserting
these values into the Equation 8 results in:
which satisfies the rule. Recommended values for bypass capacitor CB are 0.1 µF to 1 µF, ceramic or tantalum
low-ESR, for the best THD and noise performance.
In the typical single-supply, single-ended (SE) configuration, an output coupling capacitor (CC) is required to
block the dc bias at the output of the amplifier, thus preventing dc currents in the load. As with the input coupling
capacitor, the output coupling capacitor and impedance of the load form a high-pass filter governed by
Equation 9.
The main disadvantage, from a performance standpoint, is that the typically small load impedances drive the
low-frequency corner higher. Large values of CC are required to pass low frequencies into the load. Consider the
example where a CC of 68 µF is chosen and loads vary from 32 Ω to 47 kΩ. Table 1 summarizes the frequency
response characteristics of each configuration.
Table 1. Common Load Impedances vs Low Frequency
Output Characteristics in SE Mode
RL
CC
LOWEST FREQUENCY
32
Ω
68 µF
73 Hz
10,000
Ω
68 µF
0.23 Hz
47,000
Ω
68 µF
0.05 Hz
As Table 1 indicates, headphone response is adequate and drive into line level inputs (a home stereo for
example) is good.
The output coupling capacitor required in single-supply, SE mode also places additional constraints on the
selection of other components in the amplifier circuit. With the rules described earlier still valid, add the following
relationship:
•
Output Pulldown Resistor, RC + RO
– Placing a 100-
Ω resistor, R
C, from the output side of the coupling capacitor to ground ensures the coupling
capacitor, CC, is charged before a plug is inserted into the jack. Without this resistor, the coupling capacitor
would charge rapidly upon insertion of a plug, leading to an audible pop in the headphones.
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com