Electronic Components Datasheet Search
  English  ▼

X  

TPA112 Datasheet(PDF) 12 Page - Texas Instruments

Part # TPA112
Description  150-mW STEREO AUDIO POWER AMPLIFIER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA112 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPA112 Datasheet HTML 8Page - Texas Instruments TPA112 Datasheet HTML 9Page - Texas Instruments TPA112 Datasheet HTML 10Page - Texas Instruments TPA112 Datasheet HTML 11Page - Texas Instruments TPA112 Datasheet HTML 12Page - Texas Instruments TPA112 Datasheet HTML 13Page - Texas Instruments TPA112 Datasheet HTML 14Page - Texas Instruments TPA112 Datasheet HTML 15Page - Texas Instruments TPA112 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
www.ti.com
20
100
20k
f − Frequency − Hz
1k
−50
−70
−90
−60
−80
−100
VDD = 3.3 V
RL = 32 Ω
CB = 1 µF
−40
−10
−30
0
−20
10k
20
100
10k
f − Frequency − Hz
1k
−60
−80
−100
−70
−90
−50
−10
−40
0
−30
−20
20k
VDD = 5 V
CB = 1 µF
RL = 32 Ω
40
20
0
−20
60
80
−30
°
0
°
VDD = 3.3 V
TA = 25°C
No Load
100
30
°
60
°
90
°
120
°
150
°
1k
100k
f − Frequency − Hz
10k
1M
10M
100
Phase
Gain
TPA112
SLOS212E – AUGUST 1998 – REVISED JUNE 2004
MUTE ATTENUATION
MUTE ATTENUATION
vs
vs
FREQUENCY
FREQUENCY
Figure 27.
Figure 28.
OPEN-LOOP GAIN AND PHASE MARGIN
vs
FREQUENCY
Figure 29.
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com