Electronic Components Datasheet Search
  English  ▼

X  

TPL5010 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPL5010
Description  TPL5010-Q1 AEC-Q100 Nano-Power System Timer with Watchdog Function
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL5010 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPL5010 Datasheet HTML 4Page - Texas Instruments TPL5010 Datasheet HTML 5Page - Texas Instruments TPL5010 Datasheet HTML 6Page - Texas Instruments TPL5010 Datasheet HTML 7Page - Texas Instruments TPL5010 Datasheet HTML 8Page - Texas Instruments TPL5010 Datasheet HTML 9Page - Texas Instruments TPL5010 Datasheet HTML 10Page - Texas Instruments TPL5010 Datasheet HTML 11Page - Texas Instruments TPL5010 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
WAKE
DONE
RSTn
DELAY/
M_RST
ttIPt
ttIPt
ttRSTn+ tIPt
MISSED
DONE
LOW FREQUENCY
OSCILLATOR
FREQUENCY
DIVIDER
RSTn
WAKE
VDD
GND
DELAY/
M_RST
DECODER
&
MANUAL RESET
DETECTOR
LOGIC
CONTROL
DONE
8
TPL5010-Q1
SNAS679 – SEPTEMBER 2016
www.ti.com
Product Folder Links: TPL5010-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TPL5010-Q1 is a system wakeup timer with a watchdog feature, ideal for low power applications. TPL5010-
Q1 is ideal for use in interrupt-driven applications and provides selectable timing from 100 ms to 7200 s.
8.2 Functional Block Diagram
8.3 Feature Description
The DONE, WAKE and RSTn signals are used to implement the watchdog function. The TPL5010-Q1 is
programmed to issue a periodic WAKE pulse to a µC which is in sleep or standby mode. After receiving the
WAKE pulse, the µC must issue a DONE signal to the TPL5010-Q1 at least 20 ms before the rising edge of the
next WAKE pulse. If the DONE signal is not asserted, the TPL5010-Q1 asserts the RSTn signal to reset the µC.
A manual reset function is realized by momentarily pulling the DELAY/M_RST pin to VDD.
Figure 8. Watchdog
8.3.1 WAKE
The WAKE pulse is sent out from the TPL5010-Q1 when the programmed time interval starts (except at the
beginning of the first cycle or if in the previous interval the DONE has not been received).
This signal is normally low.
8.3.2 DONE
The DONE pin is driven by a µC to signal successful processing of the WAKE signal. The TPL5010-Q1
recognizes a valid DONE signal as a low to high transition; if two or more DONE signals are received within the
time interval, only the first DONE signal is processed.
The DONE signal resets the counter of the watchdog only. If the DONE signal is received when the WAKE is still
high, the WAKE will go low as soon as the DONE is recognized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com