Electronic Components Datasheet Search
  English  ▼

X  

TPL5010 Datasheet(PDF) 12 Page - Texas Instruments

Part # TPL5010
Description  TPL5010-Q1 AEC-Q100 Nano-Power System Timer with Watchdog Function
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL5010 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPL5010 Datasheet HTML 8Page - Texas Instruments TPL5010 Datasheet HTML 9Page - Texas Instruments TPL5010 Datasheet HTML 10Page - Texas Instruments TPL5010 Datasheet HTML 11Page - Texas Instruments TPL5010 Datasheet HTML 12Page - Texas Instruments TPL5010 Datasheet HTML 13Page - Texas Instruments TPL5010 Datasheet HTML 14Page - Texas Instruments TPL5010 Datasheet HTML 15Page - Texas Instruments TPL5010 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
¸
¸
¹
·
¨
¨
©
§
1284
.
0
*
2
8
*
100
8889
.
2561
1284
.
0
*
4
9861
.
46
9861
.
46
100
2
EXT
R
12
TPL5010-Q1
SNAS679 – SEPTEMBER 2016
www.ti.com
Product Folder Links: TPL5010-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Programming (continued)
Table 2. Coefficients for Equation 1
SET
TIME
INTERVAL
RANGE (s)
a
b
c
1
1 < T
≤ 5
0.2253
–20.7654
570.5679
2
5 < T
≤ 10
–0.1284
46.9861
–2651.8889
3
10 < T
≤ 100
0.1972
–19.3450
692.1201
4
100 < T
≤ 1000
0.2617
–56.2407
5957.7934
5
T > 1000
0.3177
–136.2571
34522.4680
EXAMPLE
Required time interval: 8 s
The coefficient set to be selected is the number 2. The formula becomes:
(2)
The resistance value is 10.18 k
Ω.
Table 3 and Table 4 contain example values of tIP and their corresponding value of REXT.
Table 3. First 9 Time Intervals
tIP (ms)
RESISTANCE (Ω)
CLOSEST REAL VALUE (Ω)
PARALLEL OF TWO 1% TOLERANCE
RESISTORS (kΩ)
100
500
500
1.0 // 1.0
200
1000
1000
-
300
1500
1500
2.43 // 3.92
400
2000
2000
-
500
2500
2500
4.42 // 5.76
600
3000
3000
5.36 // 6.81
700
3500
3500
4.75 // 13.5
800
4000
4000
6.19 // 11.3
900
4500
4501
6.19 // 16.5
Table 4. Most Common Time Intervals Between 1 s to 2 h
tIP
CALCULATED RESISTANCE (kΩ)
CLOSEST REAL
VALUE (kΩ)
PARALLEL OF TWO 1% TOLERANCE
RESISTORS (kΩ)
1 s
5.20
5.202
7.15 // 19.1
2 s
6.79
6.788
12.4 // 15.0
3 s
7.64
7.628
12.7// 19.1
4 s
8.30
8.306
14.7 // 19.1
5 s
8.85
8.852
16.5 // 19.1
6 s
9.27
9.223
18.2 // 18.7
7 s
9.71
9.673
19.1 // 19.6
8 s
10.18
10.180
11.5 // 8.87
9 s
10.68
10.68
17.8 // 26.7
10 s
11.20
11.199
15.0 // 44.2
20 s
14.41
14.405
16.9 // 97.6
30 s
16.78
16.778
32.4 // 34.8
40 s
18.75
18.748
22.6 // 110.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com