Electronic Components Datasheet Search
  English  ▼

X  

TPL5010 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPL5010
Description  TPL5010-Q1 AEC-Q100 Nano-Power System Timer with Watchdog Function
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL5010 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPL5010 Datasheet HTML 9Page - Texas Instruments TPL5010 Datasheet HTML 10Page - Texas Instruments TPL5010 Datasheet HTML 11Page - Texas Instruments TPL5010 Datasheet HTML 12Page - Texas Instruments TPL5010 Datasheet HTML 13Page - Texas Instruments TPL5010 Datasheet HTML 14Page - Texas Instruments TPL5010 Datasheet HTML 15Page - Texas Instruments TPL5010 Datasheet HTML 16Page - Texas Instruments TPL5010 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
»¼
º
«¬
ª
100
EXT
D
R
INT
R
»
¼
º
«
¬
ª
¸¸
¹
·
¨¨
©
§
c
R
b
R
a
INT
T
D
D
ADC
100
100
100
1
2
2
DESIRED
ADC
DESIRED
T
T
T
Err 100
13
TPL5010-Q1
www.ti.com
SNAS679 – SEPTEMBER 2016
Product Folder Links: TPL5010-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table 4. Most Common Time Intervals Between 1 s to 2 h (continued)
tIP
CALCULATED RESISTANCE (kΩ)
CLOSEST REAL
VALUE (kΩ)
PARALLEL OF TWO 1% TOLERANCE
RESISTORS (kΩ)
50 s
20.047
20.047
28.7 // 66.5
1 min
22.02
22.021
40.2 // 48.7
2 min
29.35
29.349
35.7 // 165.0
3 min
34.73
34.729
63.4 // 76.8
4 min
39.11
39.097
63.4 // 102.0
5 min
42.90
42.887
54.9 // 196.0
6 min
46.29
46.301
75.0 // 121.0
7 min
49.38
49.392
97.6 // 100.0
8 min
52.24
52.224
88.7 // 127.0
9 min
54.92
54.902
86.6 // 150.0
10 min
57.44
57.437
107.0 // 124.0
20 min
77.57
77.579
140.0 // 174.0
30 min
92.43
92.233
182.0 // 187.0
40 min
104.67
104.625
130.0 // 536.00
50 min
115.33
115.331
150.0 // 499.00
1 h
124.91
124.856
221.0 // 287.00
1 h 30 min
149.39
149.398
165.0 // 1580.0
2 h
170.00
170.00
340.0 // 340.0
8.5.4 Quantization Error
The TPL5010-Q1 can generate 1650 discrete timer intervals in the range of 100 ms to 7200 s. The first 9
intervals are multiples of 100 ms. The remaining 1641 intervals cover the range between 1 s to 7200 s. Because
they are discrete intervals, there is a quantization error associated with each value.
The quantization error can be evaluated according to the following formula:
(3)
Where:
(4)
where
•
REXT is the resistance calculated with Equation 1
•
a, b, c are the coefficients of the equation listed in Table 2
(5)
8.5.5 Error Due to Real External Resistance
REXT is a theoretical value and may not be available in standard commercial resistor values. It is possible to
closely approach the theoretical REXT using two or more standard values in parallel. However, standard values
are characterized by a certain tolerance. This tolerance will affect the accuracy of the time interval.
The accuracy can be evaluated using the following procedure:
1. Evaluate the min and max values of REXT (REXT_MIN, REXT_MAX with Equation 1 using the selected commercial
resistance values and their tolerances.
2. Evaluate the time intervals (TADC_MIN[REXT_MIN], TADC_MAX[REXT_MAX]) with Equation 4.
3. Find the errors using Equation 3 with TADC_MIN, TADC_MAX.
The results of the formula indicate the accuracy of the time interval.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com