Electronic Components Datasheet Search
  English  ▼

X  

IP175ALF Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # IP175ALF
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175ALF Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button IP175ALF Datasheet HTML 23Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 24Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 25Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 26Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 27Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 28Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 29Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 30Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
IP175A LF
Preliminary Data Sheet
27/60
February 20, 2006
Copyright © 2004, IC Plus Corp.
IP175A LF-DS-R08
4.7
VLAN
4.7.1
Port base VLAN
IP175A LF supports port base VLAN functions. It separates IP175A LF into some groups (VLAN). A port
is limited to communicate with other ports within the same group when the function is enabled. Frames
are limited in a VLAN group and will not transmit out of this VLAN group. A port can be assigned to one or
more VLAN groups. The members (ports) of a VLAN group are assigned by programming EEPROM
register 0Eh~12h of or MII register 13h~15h.
The VLAN function can be active even if there is no EEPROM. IP175A LF supports an easy way to
enable a sub set VLAN function without EEPROM.
A default configuration of VLAN is adopted if pin 113
(VLAN_on) is pulled high. The VLAN group in this mode is illustrated in the pin description of VLAN_on.
It is benefit in a router application that an individual LAN port can shares a WAN port. The setting in
register takes precedence of the setting on pins.
4.7.2
Tag / un-tag
IP175A LF supports tag / un-tag functions. When the function is enabled, IP175A LF inserts the
pre-defined tag into a forwarded frame if the frame is forwarded to a tagged field. IP175A LF strips the
tag of a frame if the frame is forwarded to an untagged field. The operation is illustrated as follows.
IP175A LF doesn’t support tag VLAN function.
The operation of a output port
Frame type of the
received packet
Forward to a untagged filed
Forward to a tagged field
Untagged
Transmit as received
1. Insert VLAN tag to the packet.
2. The inserted VLAN tag is defined in the
EEPROM register of source port.
Priority-tagged
(VLAN ID=0)
Strip tag
1. Keep priority field.
2. Modify the VLAN ID.
3. The modified VLAN tag is defined in the
EEPROM register of source port.
VLAN-tagged
Strip tag
Transmit as received



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com