Electronic Components Datasheet Search
  English  ▼

X  

IP175ALF Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # IP175ALF
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175ALF Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button IP175ALF Datasheet HTML 31Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 32Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 33Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 34Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 35Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 36Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 37Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 38Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
IP175A LF
Preliminary Data Sheet
35/60
February 20, 2006
Copyright © 2004, IC Plus Corp.
IP175A LF-DS-R08
MII
ROM
Function
R/W
Description
Default
MII register 18H (24D)
18[15:8] 19[7:0] Port 0
vlan_tag[15:8]
R/W
Vlan_tag_0_high
This register defines the high byte of VLAN tag for port 0.
8’b0
18[7:0] 18[7:0] Port 0
vlan_tag[7:0]
R/W
Vlan_tag_0_low
This register defines the low byte of VLAN tag for port 0.
8’b0
MII
ROM
Function
R/W
Description
Default
MII register 19H (25D)
19[15:8] 1B[7:0] Port 1
vlan_tag[15:8]
R/W
Vlan_tag_1_high
This register defines the high byte of VLAN tag for port 1.
8’b0
19[7:0] 1A[7:0] Port 1
vlan_tag[7:0]
R/W
Vlan_tag_1_low
This register defines the low byte of VLAN tag for port 1.
8’b0
MII
ROM
Function
R/W
Description
Default
MII register 1AH (26D)
1A[15:8] 1D[7:0] Port 2
vlan_tag[15:8]
R/W
Vlan_tag_2_high
This register defines the high byte of VLAN tag for port 2.
8’b0
1A[7:0] 1C[7:0] Port 2 vlan_tag[7:0]
R/W
Vlan_tag_2_low
This register defines the low byte of VLAN tag for port 2.
8’b0
MII
ROM
Function
R/W
Description
Default
MII register 1BH (27D)
1B[15:8] 1F[7:0] Port 3
vlan_tag[15:8]
R/W
Vlan_tag_3_high
This register defines the high byte of VLAN tag for port 3.
8’b0
1B[7:0] 1E[7:0] Port 3 vlan_tag[7:0]
R/W
Vlan_tag_3_low
This register defines the low byte of VLAN tag for port 3.
8’b0
MII
ROM
Function
R/W
Description
Default
MII register 1CH (28D)
1C[15:8] 21[7:0] Port 4
vlan_tag[15:8]
R/W
Vlan_tag_4_high
This register defines the high byte of VLAN tag for port 4.
8’b0
1C[7:0] 20[7:0] Port 4 vlan_tag[7:0]
R/W
Vlan_tag_4_low
This register defines the low byte of VLAN tag for port 4.
8’b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com