Electronic Components Datasheet Search
  English  ▼

X  

IP175ALF Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # IP175ALF
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175ALF Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button IP175ALF Datasheet HTML 27Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 28Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 29Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 30Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 31Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 32Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 33Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 34Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
IP175A LF
Preliminary Data Sheet
31/60
February 20, 2006
Copyright © 2004, IC Plus Corp.
IP175A LF-DS-R08
MII
ROM
Function
R/W
Description
Default
MII register 12H (18D)
12.1
--
MII0_FDX
RO
Speed of MII0
1: full duplex
0: half duplex
It is duplex of MII0 if P4_EXT is enabled. It is duplex
of port4 if P4EXT is disabled
0
12.0
6.6
Reserved
R/W
0
MII
ROM
Function
R/W
Description
Default
MII register 13H (19D)
13.15
--
R/W
Don’t care
0
13.14
E.6
P0_COS
R/W
Port0 Class of service enable
1: enable, 0: disabled (default)
Packets with high priority tag from port0 are handled
as high priority packets.
0
13.13
E.5
P0_HIGH
R/W
Port0 set to be high priority port
1: enable, 0: disabled (default)
Packets received from port0 are handled as high
priority packets.
0
13.12
≀
13.7
--
Reserved
Don’t care
13.6
F.6
P1_COS
R/W
Port1 Class of service enable
1: enable, 0: disabled (default)
Packets with high priority tag from port1 are handled
as high priority packets.
0
13.5
F.5
P1_ HIGH
R/W
Port1 set to be high priority port
1: enable, 0: disabled (default)
Packets received from port1 are handled as high
priority packets.
0
13.4
≀
13.0
--
Reserved
Don’t care
MII
ROM
Function
R/W
Description
Default
MII register 14H (20D)
14.15
--
R/W
Don’t care
0
14.14
10.6
P2_COS
R/W
Port2 Class of service enable
1: enable, 0: disabled (default)
Packets with high priority tag from port2 are handled
as high priority packets.
0
14.13
10.5
P2_ HIGH
R/W
Port2 set to be high priority port
1: enable, 0: disabled (default)
Packets received from port2 are handled as high
priority packets.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com