Electronic Components Datasheet Search
  English  ▼

X  

IP178CH Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IP178CH
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178CH Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IP178CH Datasheet HTML 1Page - List of Unclassifed Manufacturers IP178CH Datasheet HTML 2Page - List of Unclassifed Manufacturers IP178CH Datasheet HTML 3Page - List of Unclassifed Manufacturers IP178CH Datasheet HTML 4Page - List of Unclassifed Manufacturers IP178CH Datasheet HTML 5Page - List of Unclassifed Manufacturers IP178CH Datasheet HTML 6Page - List of Unclassifed Manufacturers IP178CH Datasheet HTML 7Page - List of Unclassifed Manufacturers IP178CH Datasheet HTML 8Page - List of Unclassifed Manufacturers IP178CH Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 93 page
background image
IP178C/IP178C LF/IP178CH/IP178CH LF
Datasheet
2/93
June 21, 2007
Copyright © 2004, IC Plus Corp.
IP178Cx-DS-R12
Table Of Contents
Features ...................................................................................................................................................1
General Description..................................................................................................................................1
Table Of Contents.....................................................................................................................................2
Revision History........................................................................................................................................3
Pin diagram (IP178C) .............................................................................................................................10
1
Pin description.................................................................................................................................15
Pin description (continued) .....................................................................................................................16
Pin description (continued) .....................................................................................................................18
Pin description (continued) .....................................................................................................................19
Pin description (continued) .....................................................................................................................20
Pin description (continued) .....................................................................................................................21
Pin description (continued) .....................................................................................................................22
Pin description (continued) .....................................................................................................................24
Pin description (continued) .....................................................................................................................25
Pin description (continued) .....................................................................................................................26
Pin description (continued) .....................................................................................................................27
Pin description (continued) .....................................................................................................................28
2
Functional Description.....................................................................................................................29
2.1
Flow control.........................................................................................................................32
2.2
Broadcast storm protection .................................................................................................33
2.3
Port locking .........................................................................................................................34
2.4
Port base VLAN ..................................................................................................................35
2.5
Tag VLAN/ Tag and un-tag function ....................................................................................36
2.6
Tag VLAN ............................................................................................................................36
2.7
Tag VLAN in router application ...........................................................................................37
2.8
Smart MAC .........................................................................................................................38
2.9
CoS .....................................................................................................................................42
2.9.1
Port base priority....................................................................................................42
2.9.2
Frame base priority ................................................................................................42
2.10
Spanning tree ......................................................................................................................44
2.11
Static MAC address table....................................................................................................46
2.12
Serial management interface..............................................................................................47
2.13
SCA.....................................................................................................................................48
2.14
Bandwidth control ...............................................................................................................48
2.15
Register descriptions ..........................................................................................................49
3
Electrical Characteristics .................................................................................................................86
3.1
Absolute Maximum Rating ..................................................................................................86
3.2
DC Characteristic................................................................................................................86
3.3
AC Timing ...........................................................................................................................87
3.3.1
PHY Mode MII Timing ............................................................................................87
3.3.2
MAC Mode MII Timing ...........................................................................................88
3.3.3
RMII Timing............................................................................................................89
3.3.4
SMI Timing .............................................................................................................90
3.3.5
EEPROM Timing....................................................................................................91
3.4
Thermal Data ......................................................................................................................91
4
Order information ............................................................................................................................92
5
Package Detail ................................................................................................................................93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com