Electronic Components Datasheet Search
  English  ▼

X  

IP178CH Datasheet(PDF) 71 Page - List of Unclassifed Manufacturers

Part # IP178CH
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178CH Datasheet(HTML) 71 Page - List of Unclassifed Manufacturers

Back Button IP178CH Datasheet HTML 67Page - List of Unclassifed Manufacturers IP178CH Datasheet HTML 68Page - List of Unclassifed Manufacturers IP178CH Datasheet HTML 69Page - List of Unclassifed Manufacturers IP178CH Datasheet HTML 70Page - List of Unclassifed Manufacturers IP178CH Datasheet HTML 71Page - List of Unclassifed Manufacturers IP178CH Datasheet HTML 72Page - List of Unclassifed Manufacturers IP178CH Datasheet HTML 73Page - List of Unclassifed Manufacturers IP178CH Datasheet HTML 74Page - List of Unclassifed Manufacturers IP178CH Datasheet HTML 75Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 93 page
background image
IP178C/IP178C LF/IP178CH/IP178CH LF
Datasheet
71/93
June 21, 2007
Copyright © 2004, IC Plus Corp.
IP178Cx-DS-R12
PHY
MII
ROM
R/W
Description
Default
Cos and port base VLAN register 2
2[10]
69[2]
Port2 Class of service enable
1: enable, 0: disabled (default)
Packets with high priority tag from port2 are handled as high
priority packets.
1’b0
2[9]
69[1]
Port2 set to be high priority port
1: enable, 0: disabled (default)
Packets received from port2 are handled as high priority
packets.
1’b0
31
2[8:0]
69[0],
68[7:0]
Port2 VLAN look up table
The register defines the ports in the same VLAN as port2. The
bit 0~8 are corresponding to port 0~8.
1: a port is in the same VLAN as port2
0: a port is not in the same VLAN as port2
Bit0=1, port 0 and port2 are in the same VLAN;
Bit1=1, port 1 and port2 are in the same VLAN;
Bit2=1, don’t care;
Bit3=1, port 3 and port2 are in the same VLAN;
Bit4=1, port 4 and port2 are in the same VLAN;
Bit5=1, port 5 and port2 are in the same VLAN;
Bit6=1, port 6 and port2 are in the same VLAN;
Bit7=1, port 7 and port2 are in the same VLAN;
Bit8=1, MII port and port2 are in the same VLAN;
9’h1ff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com