Electronic Components Datasheet Search
  English  ▼

X  

IP178CH Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # IP178CH
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178CH Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button IP178CH Datasheet HTML 48Page - List of Unclassifed Manufacturers IP178CH Datasheet HTML 49Page - List of Unclassifed Manufacturers IP178CH Datasheet HTML 50Page - List of Unclassifed Manufacturers IP178CH Datasheet HTML 51Page - List of Unclassifed Manufacturers IP178CH Datasheet HTML 52Page - List of Unclassifed Manufacturers IP178CH Datasheet HTML 53Page - List of Unclassifed Manufacturers IP178CH Datasheet HTML 54Page - List of Unclassifed Manufacturers IP178CH Datasheet HTML 55Page - List of Unclassifed Manufacturers IP178CH Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 93 page
background image
IP178C/IP178C LF/IP178CH/IP178CH LF
Datasheet
52/93
June 21, 2007
Copyright © 2004, IC Plus Corp.
IP178Cx-DS-R12
PHY
MII
ROM
R/W
Description
Default
PHY Identifier (address 02)
0
2
--
RO
IP178C/IP178CH OUI (Organizationally Unique Identifier) ID,
the msb is 3
rd bit of IP178C/IP178CH OUI ID, and the lsb is
18
th bit of IP178C/IP178CH OUI ID. IP178C/IP178CH OUI is
0090C3.
0243h
PHY
MII
ROM
R/W
Description
Default
PHY Identifier (address 03)
0
3[15:10]
--
RO
PHY identifier
IP178C/IP178CH
OUI
ID,
the
msb
is
19
th
bit
of
IP178C/IP178CH
OUI
ID,
and
lsb
is
24
th
bit
of
IP178C/IP178CH OUI ID.
3h
0
3[9:4]
--
RO
Manufacture’s Model Number
IP178C/IP178CH model number
18h
0
3[3:0]
--
RO
Revision Number
IP178C/IP178CH revision number
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com