Electronic Components Datasheet Search
  English  ▼

X  

4440 Datasheet(PDF) 3 Page - Adafruit Industries

Part # 4440
Description  Monochrome 0.91" 128x32 I2C OLED Display - STEMMA QT / Qwiic Compatible
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4440 Datasheet(HTML) 3 Page - Adafruit Industries

  4440 Datasheet HTML 1Page - Adafruit Industries 4440 Datasheet HTML 2Page - Adafruit Industries 4440 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Interface:I2C
Display current draw is completely dependent on your usage: each OLED
LED draws current when on so the more pixels you have lit, the more
current is used. They tend to draw ~15mA or so in practice but for precise
numbers you must measure the current in your usage circuit.
This board/chip uses I2C 7-bit address 0x3C
 
 
https://www.adafruit.com/product/4440/11‐25‐19 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com