Electronic Components Datasheet Search
  English  ▼

X  

4440 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 4440
Description  Monochrome 0.91" 128x32 I2C OLED Display - STEMMA QT / Qwiic Compatible
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4440 Datasheet(HTML) 1 Page - Adafruit Industries

  4440 Datasheet HTML 1Page - Adafruit Industries 4440 Datasheet HTML 2Page - Adafruit Industries 4440 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
 
Monochrome 0.91" 128x32 I2C OLED
Display - STEMMA QT / Qwiic Compatible
PRODUCT ID: 4440
These displays are small, only about 1" diagonal, but very readable due to the
high contrast of an OLED display. This display is made of 128x32 individual
white OLED pixels, each one is turned on or off by the controller chip. Because
the display makes its own light, no backlight is required. This reduces the power
required to run the OLED and is why the display has such high contrast; we
really like this miniature display for its crispness!
To make life easier so you can focus on your important work, we've taken the
OLED display and put it onto a breakout PCB along with support circuitry to let
you use this little wonder with 3.3V (Feather/Raspberry Pi) or 5V (Arduino/
Metro328) logic levels.
We've updated the design to add auto-reset circuitry so that the reset pin is
optional, since it speaks I2C you can easily connect it up with just two wires
(plus power and ground!). We've even included SparkFun
qwiic compatible STEMMA QT connectors for the I2C bus so you don't even need
to solder!


Similar Part No. - 4440

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4440 ETC-4440 Datasheet
137Kb / 1P
DELAY MODULES,TTL,SURFACE MOUNTED
logo
Heyco.
4440 HEYCO-4440 Datasheet
93Kb / 1P
HEYConnect™ Terminal Bushings
logo
Christian Bürkert GmbH ...
444005 BURKERT-444005 Datasheet
1Mb / 20P
Inline positive displacement (PD) flowmeter or Inline batch controller
18.12.2023
444006 BURKERT-444006 Datasheet
1Mb / 20P
Inline positive displacement (PD) flowmeter or Inline batch controller
18.12.2023
444007 BURKERT-444007 Datasheet
1Mb / 20P
Inline positive displacement (PD) flowmeter or Inline batch controller
18.12.2023
More results

Similar Description - 4440

ManufacturerPart #DatasheetDescription
logo
GREATECS
YOD1A GREATECS-YOD1A Datasheet
356Kb / 12P
64x48 Monochrome (0.66") OLED Switches
YOD2A GREATECS-YOD2A Datasheet
366Kb / 12P
64x48 Monochrome (0.66") OLED Switches Snap-In Type
logo
Newhaven Display Intern...
NHD-0216KZW-AB5 NEWHAVEN-NHD-0216KZW-AB5 Datasheet
568Kb / 21P
OLED Display Module
NHD-0216KZW-AY5 NEWHAVEN-NHD-0216KZW-AY5 Datasheet
568Kb / 21P
OLED Display Module
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3 Datasheet
409Kb / 21P
OLED Display Module
logo
Crystalfontz America, I...
CFAL12864K-Y CRYSTAIFONTZ-CFAL12864K-Y Datasheet
493Kb / 11P
OLED DISPLAY MODULE
logo
SparkFun Electronics
LCD-14532 SPARKFUN-LCD-14532 Datasheet
168Kb / 2P
SparkFun Micro OLED Breakout (Qwiic)
1??2??8
LCD-15079 SPARKFUN-LCD-15079 Datasheet
190Kb / 4P
SparkFun Transparent OLED HUD Breakout (Qwiic)
3????9
LCD-15173 SPARKFUN-LCD-15173 Datasheet
130Kb / 2P
SparkFun Transparent Graphical OLED Breakout (Qwiic)
3??5??9
logo
NXP Semiconductors
MCVVQ111AFB NXP-MCVVQ111AFB Datasheet
240Kb / 18P
VirtuoVue Monochrome Video Display Driver
REV 0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com