Electronic Components Datasheet Search
  English  ▼

X  

4440 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 4440
Description  Monochrome 0.91" 128x32 I2C OLED Display - STEMMA QT / Qwiic Compatible
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4440 Datasheet(HTML) 2 Page - Adafruit Industries

  4440 Datasheet HTML 1Page - Adafruit Industries 4440 Datasheet HTML 2Page - Adafruit Industries 4440 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Just wire up to your favorite micro and read through our detailed tutorial with
both Arduino and Python/CircuitPython libraries for text and graphics. You'll
need a microcontroller with more than 512 bytes of RAM since the display must
be buffered.
The power requirements depend a little on how much of the display is lit but on
average the display uses about 20mA from the 3.3V supply. Built into the OLED
driver is a simple switch-cap charge pump that turns 3.3v-5v into a high
voltage drive for the OLEDs, making it one of the easiest ways to get an OLED
into your project!
Please note that OLED displays are made of hundreds of...OLEDs! That means
each pixel is a little organic LED, and if it's kept on for over 1000 hours it'll start
to dim. If you want to keep the display uniformly bright, please turn off the
display (set the pixels off) when it isn't needed to keep them from dimming.
TECHNICAL DETAILS
Dimensions:
PCB: 20mm x 35mm (0.8" x 1.4")
Display area: 7mm x 25mm
Thickness: 4mm
Display details:
Diagonal Screen Size:0.91"
Number of Pixels:128 × 32
Color Depth:Monochrome (White)
Module Construction:COG
Module Size (mm):46.30× 11.50 × 1.45
Panel Size (mm):30.00 × 11.50 × 1.45
Active Area (mm):22.384 × 5.584
Pixel Pitch (mm):0.175 × 0.175
Pixel Size (mm):0.159 × 0.159
Duty:1/32
Brightness ( cd/m2):150 (Typ) @ 7.25V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com