Electronic Components Datasheet Search
  English  ▼

X  

TPS2012DR Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS2012DR
Description  POWER-DISTRIBUTION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2012DR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS2012DR Datasheet HTML 12Page - Texas Instruments TPS2012DR Datasheet HTML 13Page - Texas Instruments TPS2012DR Datasheet HTML 14Page - Texas Instruments TPS2012DR Datasheet HTML 15Page - Texas Instruments TPS2012DR Datasheet HTML 16Page - Texas Instruments TPS2012DR Datasheet HTML 17Page - Texas Instruments TPS2012DR Datasheet HTML 18Page - Texas Instruments TPS2012DR Datasheet HTML 19Page - Texas Instruments TPS2012DR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
TPS2010, TPS2011, TPS2012, TPS2013
POWER-DISTRIBUTION
SLVS097A – DECEMBER 1994 – REVISED AUGUST 1995
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
power dissipation and junction temperature
The low on resistance of the N-channel MOSFET allows small surface-mount packages, such as SOIC or
TSSOP to pass large currents. The thermal resistances of these packages are high compared to that of power
packages; it is good design practice to check power dissipation and junction temperature. The first step is to
find ron at the input voltage and operating temperature. As an initial estimate, use the highest operating ambient
temperature of interest and read ron from Figure 23. Next calculate the power dissipation using:
P
D +
ron
I2
Finally, calculate the junction temperature:
T
J +
P
D
RqJA ) TA
Where:
TA = Ambient temperature
RθJA = Thermal resistance SOIC = 172°C/W, TSSOP = 179°C/W
Compare the calculated junction temperature with the initial estimate. If they do not agree within a few degrees,
repeat the calculation using the calculated value as the new estimate. Two or three iterations are generally
sufficient to get a reasonable answer.
thermal protection
Thermal protection is provided to prevent damage to the IC when heavy-overload or short-circuit faults are
present for extended periods of time. The faults force the TPS201x into its constant current mode, which causes
the voltage across the high-side switch to increase; under short-circuit conditions, the voltage across the switch
is equal to the input voltage. The increased dissipation causes the junction temperature to rise to dangerously
high levels. The protection circuit senses the junction temperature of the switch and shuts it off. The switch
remains off until the junction has dropped approximately 20
°C. The switch continues to cycle in this manner until
the load fault or input power is removed.
ESD protection
All TPS201x terminals incorporate ESD-protection circuitry designed to withstand a 6-kV human-body-model
discharge as defined in MIL-STD-883C. Additionally, the output is protected from discharges up to 12 kV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com