Electronic Components Datasheet Search
  English  ▼

X  

TPS2012DR Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS2012DR
Description  POWER-DISTRIBUTION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2012DR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2012DR Datasheet HTML 6Page - Texas Instruments TPS2012DR Datasheet HTML 7Page - Texas Instruments TPS2012DR Datasheet HTML 8Page - Texas Instruments TPS2012DR Datasheet HTML 9Page - Texas Instruments TPS2012DR Datasheet HTML 10Page - Texas Instruments TPS2012DR Datasheet HTML 11Page - Texas Instruments TPS2012DR Datasheet HTML 12Page - Texas Instruments TPS2012DR Datasheet HTML 13Page - Texas Instruments TPS2012DR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TPS2010, TPS2011, TPS2012, TPS2013
POWER-DISTRIBUTION
SLVS097A – DECEMBER 1994 – REVISED AUGUST 1995
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Figure 13. Turned-On (Enabled) Into Short Circuit, VI(IN) = 5.5 V
0
1
2
3
45
67
89
t – Time – ms
10
TPS2010
TPS2011
TPS2012
TPS2013
3
2.5
2
1.5
1
0.5
0
–1
OUT
OUT
OUT
OUT
TPS201x
IN
IN
EN
GND
VI
ENABLE
VO
50%
50%
90% 90%
10%
10%
tr
tf
tPLH
tPHL
VI
GND
VI
GND
VI(EN)
VO
TEST CIRCUIT
VOLTAGE WAVEFORMS
CL
Figure 14. Test Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com