Electronic Components Datasheet Search
  English  ▼

X  

TPS2012DR Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS2012DR
Description  POWER-DISTRIBUTION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2012DR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2012DR Datasheet HTML 7Page - Texas Instruments TPS2012DR Datasheet HTML 8Page - Texas Instruments TPS2012DR Datasheet HTML 9Page - Texas Instruments TPS2012DR Datasheet HTML 10Page - Texas Instruments TPS2012DR Datasheet HTML 11Page - Texas Instruments TPS2012DR Datasheet HTML 12Page - Texas Instruments TPS2012DR Datasheet HTML 13Page - Texas Instruments TPS2012DR Datasheet HTML 14Page - Texas Instruments TPS2012DR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
TPS2010, TPS2011, TPS2012, TPS2013
POWER-DISTRIBUTION
SLVS097A – DECEMBER 1994 – REVISED AUGUST 1995
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 15
3.9
3.7
4.7
3.5
2.5
3
3.5
4
4.3
4.1
4.5
TURN-ON DELAY TIME
vs
INPUT VOLTAGE
4.9
4.5
5
5.5
VI – Input Voltage – V
TJ = 25°C
RL = 50 Ω
CL = 1 µF
Figure 16
15
10
5
2.5
3
3.5
4
4.5
20
TURN-OFF DELAY TIME
vs
INPUT VOLTAGE
25
5
5.5
VI – Input Voltage – V
TJ = 25°C
RL = 50 Ω
CL = 1 µF
Figure 17
3.5
3
2.5
2
0
0.3
0.6
0.9
4
4.5
RISE TIME
vs
OUTPUT CURRENT
5
1.2
1.5
VI = 2.7 V
VI = 5.5 V
IO – Output Current – A
TJ = 25°C
CL = 1 µF
Figure 18
3
2.8
2.4
2.2
2
3.8
2.6
0
0.3
0.6
0.9
3.4
3.2
3.6
FALL TIME
vs
OUTPUT CURRENT
4
1.2
1.5
VI = 2.7 V
VI = 5.5 V
IO – Output Current – A
TJ = 25°C
CL = 1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com