Electronic Components Datasheet Search
  English  ▼

X  

ADC08060 Datasheet(PDF) 17 Page - Texas Instruments

Part # ADC08060
Description  ADC08060 8-Bit, 20 MSPS to 60 MSPS, 1.3 m W/MSPS A/D Converter with Internal Sampleand- Hold
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC08060 Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADC08060 Datasheet HTML 13Page - Texas Instruments ADC08060 Datasheet HTML 14Page - Texas Instruments ADC08060 Datasheet HTML 15Page - Texas Instruments ADC08060 Datasheet HTML 16Page - Texas Instruments ADC08060 Datasheet HTML 17Page - Texas Instruments ADC08060 Datasheet HTML 18Page - Texas Instruments ADC08060 Datasheet HTML 19Page - Texas Instruments ADC08060 Datasheet HTML 20Page - Texas Instruments ADC08060 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
8 11
AGND
ADC08060
D7
13
D6
14
D5
15
D0
22
D1
21
D2
20
D3
19
D4
16
6
4.7k
3
0.1 PF
309:
+3V
470:
5
17
DR GND
10
VRT
VIN
1/2 LM8272
-
+
1
8
4
3
2
10 PF
+
+3V
0.01 PF
1 PF
1/2 LM8272
+
-
6
5
1.62k
0.01 PF
7
604:
LM4040-2.5
2
0.1 PF
10 PF
+
12
4
18
0.1 PF
10 PF
DR VD
VA
Choke
1
VRB
24
CLK
0.1 PF
9
23
PD
0.1 PF
7
VIN GND
1 PF
4.7k
1 PF
ADC08060
www.ti.com
SNAS120H – OCTOBER 2000 – REVISED MARCH 2013
Driving the reference to force desired values requires driving with a low impedance source.
Figure 31.
THE ANALOG INPUT
The analog input of the ADC08060 is a switch followed by an integrator. The input capacitance changes with the
clock level, appearing as 3 pF when the clock is low, and 4 pF when the clock is high. The sampling nature of
the analog input causes current spikes that result in voltage spikes at the analog input pin. Any circuit used to
drive the analog input must be able to drive that input and to settle within the clock high time. The LMH6702 has
been found to be a good amplifier to drive the ADC08060.
Figure 32 shows an example of an input circuit using the LMH6702. Any input amplifier should incorporate some
gain as operational amplifiers exhibit better phase margin and transient response with gains above 2 or 3 than
with unity gain. If an overall gain of less than 3 is required, attenuate the input and operate the amplifier at a
higher gain, as shown in Figure 32.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: ADC08060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com