Electronic Components Datasheet Search
  English  ▼

X  

ADC08060 Datasheet(PDF) 18 Page - Texas Instruments

Part # ADC08060
Description  ADC08060 8-Bit, 20 MSPS to 60 MSPS, 1.3 m W/MSPS A/D Converter with Internal Sampleand- Hold
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC08060 Datasheet(HTML) 18 Page - Texas Instruments

Back Button ADC08060 Datasheet HTML 14Page - Texas Instruments ADC08060 Datasheet HTML 15Page - Texas Instruments ADC08060 Datasheet HTML 16Page - Texas Instruments ADC08060 Datasheet HTML 17Page - Texas Instruments ADC08060 Datasheet HTML 18Page - Texas Instruments ADC08060 Datasheet HTML 19Page - Texas Instruments ADC08060 Datasheet HTML 20Page - Texas Instruments ADC08060 Datasheet HTML 21Page - Texas Instruments ADC08060 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
22
+
-
200
12
240
47
100
10 pF
Signal
Input
8
11
AGND
ADC08060 D7
13
D6
14
D5
15
D0
22
D1
21
D2
20
D3
19
D4
16
6
3
7
10
VRT
5
0.1 PF
10 PF
+
12
4
18
0.1 PF
10 PF
DR VD
VA
Choke
1
VRB
24
CLK
9
23
PD
+3V
LMH6702
2
17
DR GND
+5V
-5V
0.1 PF
0.1 PF
10
Gain
Adjust
4.7k
1k
1k
0.33 PF
+3V
*
*
Offset
Adjust
*
*URXQG FRQQHFWLRQV PDUNHG ZLWK ³*´
should enter the ground plane at a
common point
VIN
7
VIN GND
VRM
ADC08060
SNAS120H – OCTOBER 2000 – REVISED MARCH 2013
www.ti.com
The input amplifier should incorporate some gain for best performance (see text).
Figure 32.
The RC at the amplifier output filters the clock rate energy that comes out of the analog input due to the input
sampling circuit. The optimum time constant for this circuit depends not only upon the amplifier and ADC, but
also on the circuit layout and board material. A resistor value should be chosen between 18
Ω and 47Ω and the
capacitor value chose according to the formula
(5)
This will provide optimum SNR performance. Best THD performance is realized when the capacitor and resistor
values are both zero. To optimize SINAD, reduce the capacitor or resistor value until SINAD performance is
optimized. That is, until SNR =
−THD. This value will usually be in the range of 40% to 65% of the value
calculated with the above formula. An accurate calculation is not possible because of the board material and
layout dependence.
The above is intended for oversampling or Nyquist applications. There should be no resistor or capacitor
between the ADC input and any amplifier for undersampling applications.
The circuit of Figure 32 has both gain and offset adjustments. If you eliminate these adjustments normal circuit
tolerances may cause signal clipping unless care is exercised in the worst case analysis of component
tolerances and the input signal excursion is appropriately limited to account for the worst case conditions. Of
course, this means that the designer will not be able to depend upon getting a full scale output with maximum
signal input.
POWER SUPPLY CONSIDERATIONS
A/D converters draw sufficient transient current to corrupt their own power supplies if not adequately bypassed. A
10 µF tantalum or aluminum electrolytic capacitor should be placed within an inch (2.5 cm) of the A/D power
pins, with a 0.1 µF ceramic chip capacitor placed within one centimeter of the converter's power supply pins.
Leadless chip capacitors are preferred because they have low lead inductance.
18
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: ADC08060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com