Electronic Components Datasheet Search
  English  ▼

X  

ADC08060 Datasheet(PDF) 22 Page - Texas Instruments

Part # ADC08060
Description  ADC08060 8-Bit, 20 MSPS to 60 MSPS, 1.3 m W/MSPS A/D Converter with Internal Sampleand- Hold
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC08060 Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADC08060 Datasheet HTML 18Page - Texas Instruments ADC08060 Datasheet HTML 19Page - Texas Instruments ADC08060 Datasheet HTML 20Page - Texas Instruments ADC08060 Datasheet HTML 21Page - Texas Instruments ADC08060 Datasheet HTML 22Page - Texas Instruments ADC08060 Datasheet HTML 23Page - Texas Instruments ADC08060 Datasheet HTML 24Page - Texas Instruments ADC08060 Datasheet HTML 25Page - Texas Instruments ADC08060 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
ADC08060
SNAS120H – OCTOBER 2000 – REVISED MARCH 2013
www.ti.com
Attempting to drive a high capacitance digital data bus. The more capacitance the output drivers must
charge for each conversion, the more instantaneous digital current is required from DR VD and DR GND. These
large charging current spikes can couple into the analog section, degrading dynamic performance. Buffering the
digital data outputs (with a 74F541, for example) may be necessary if the data bus capacitance exceeds 10 pF.
Dynamic performance can also be improved by adding 100
Ω series resistors at each digital output, reducing the
energy coupled back into the converter input pins.
Using an inadequate amplifier to drive the analog input. As explained in THE ANALOG INPUT, the
capacitance seen at the input alternates between 3 pF and 4 pF with the clock. This dynamic capacitance is
more difficult to drive than is a fixed capacitance, and should be considered when choosing a driving device. The
LMH6702 has been found to be a good device for driving the ADC08060.
Driving the VRT pin or the VRB pin with devices that can not source or sink the current required by the
ladder.As mentioned in REFERENCE INPUTS, care should be taken to see that any driving devices can source
sufficient current into the VRT pin and sink sufficient current from the VRB pin. If these pins are not driven with
devices than can handle the required current, these reference pins will not be stable, resulting in a reduction of
dynamic performance.
Using a clock source with excessive jitter, using an excessively long clock signal trace, or having other
signals coupled to the clock signal trace. This will cause the sampling interval to vary, causing excessive
output noise and a reduction in SNR performance. The use of simple gates with RC timing is generally
inadequate as a clock source.
22
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: ADC08060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com