Electronic Components Datasheet Search
  English  ▼

X  

ADS1203 Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS1203
Description  Motor Control, Current Measurement 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1203 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS1203 Datasheet HTML 4Page - Texas Instruments ADS1203 Datasheet HTML 5Page - Texas Instruments ADS1203 Datasheet HTML 6Page - Texas Instruments ADS1203 Datasheet HTML 7Page - Texas Instruments ADS1203 Datasheet HTML 8Page - Texas Instruments ADS1203 Datasheet HTML 9Page - Texas Instruments ADS1203 Datasheet HTML 10Page - Texas Instruments ADS1203 Datasheet HTML 11Page - Texas Instruments ADS1203 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
ADS1203
SBAS318C − JUNE 2004 − REVISED JANUARY 2008
www.ti.com
8
Internal
MCLK
Internal
MDATA
MDATA
t
C1
t
W1
1
0
110
0
Figure 3. Mode 2 Operation
TIMING CHARACTERISTICS: MODE 2
Over recommended operating free-air temperature range at −40
°C to +125°C, AVDD = BVDD = +5V(1) or AVDD = +5V, BVDD = +3V(2) or VDD = +5V(1),
unless otherwise noted.
PARAMETER
MODE
MIN
MAX
UNIT
tC1
Clock period
2
91
111
ns
tW1
Clock high time
2
(tC1/2) − 5
(tC1/2) + 5
ns
(1) Applicable for 5.0V nominal supply: BV
DD (min) = 4.5V and BVDD (max) = 5.5V.
(2) Only for QFN package. Applicable for 3.0V nominal supply: BV
DD (min) = 2.7V and BVDD (max) = 3.6V.
CLKOUT(1)
NOTE: (1) CLKOUT availble only on QFN package.
MDAT
t
C1
t
W2
t
D3
t
C2
t
W1
t
D1
t
D2
t
D4
MCLK
Figure 4. Mode 3 Operation
TIMING CHARACTERISTICS: MODE 3
Over recommended operating free-air temperature range at −40
°C to +125°C, AVDD = BVDD = +5V(1) or AVDD = +5V, BVDD = +3V(2) or VDD = +5V(1),
unless otherwise noted.
PARAMETER
MIN
MAX
UNIT
tC1
MCLK period
41.6
1000
ns
tW1
MCLK high time
10
tC1 − 10
ns
tC2
CLKOUT period
2
× tC1
2
× tC1
ns
tW2
CLKOUT high time
(tC2/2) − 5
(tC2/2) + 5
ns
tD1
CLKOUT rising edge delay after MCLK rising edge
0
10
ns
tD2
CLKOUT falling edge delay after MCLK rising edge
0
10
ns
tD3
Data valid delay after rising edge of CLKOUT
−2
+2
ns
tD4
Data valid delay after rising edge of MCLK
0
10
ns
NOTE: Input signal is specified with tR = tF = 5ns (10% to 90% of BVDD or VDD) and timed from a voltage level of (VIL + VIH)/2. See timing diagram.
(1) Applicable for 5.0V nominal supply: BV
DD (min) = 4.5V and BVDD (max) = 5.5V.
(2) Only for QFN package. Applicable for 3.0V nominal supply: BV
DD (min) = 2.7V and BVDD (max) = 3.6V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com