Electronic Components Datasheet Search
  English  ▼

X  

ADS1203 Datasheet(PDF) 13 Page - Texas Instruments

Part # ADS1203
Description  Motor Control, Current Measurement 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1203 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS1203 Datasheet HTML 9Page - Texas Instruments ADS1203 Datasheet HTML 10Page - Texas Instruments ADS1203 Datasheet HTML 11Page - Texas Instruments ADS1203 Datasheet HTML 12Page - Texas Instruments ADS1203 Datasheet HTML 13Page - Texas Instruments ADS1203 Datasheet HTML 14Page - Texas Instruments ADS1203 Datasheet HTML 15Page - Texas Instruments ADS1203 Datasheet HTML 16Page - Texas Instruments ADS1203 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
ADS1203
SBAS318C − JUNE 2004 − REVISED JANUARY 2008
www.ti.com
13
TYPICAL CHARACTERISTICS (continued)
AVDD = BVDD = +5V or VDD = +5V, VIN+ = −250mV to +250mV, VIN− = 0V, MCLK input = 20MHz, and 16-bit Sinc3 filter, with OSR = 256, unless
otherwise noted.
MCLK AND MDAT
TYPICAL SINK CURRENT
3
01
2
4
5
6
Output Voltage, V
OL (V)
70
60
50
40
30
20
10
0
5.5V
5V
4.5V
MCLK AND MDAT
TYPICAL SOURCE CURRENT
3
012
4
5
6
Output Voltage, V
OH (V)
80
70
60
50
40
30
20
10
0
5.5V
5V
4.5V
REFERENCE VOLTAGE vs TEMPERATURE
60
−40
−20
20
40
080
100
Temperature (
_C)
2.503
2.502
2.501
2.500
2.499
2.498
2.497



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com