Electronic Components Datasheet Search
  English  ▼

X  

ADS1203 Datasheet(PDF) 12 Page - Texas Instruments

Part # ADS1203
Description  Motor Control, Current Measurement 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1203 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS1203 Datasheet HTML 8Page - Texas Instruments ADS1203 Datasheet HTML 9Page - Texas Instruments ADS1203 Datasheet HTML 10Page - Texas Instruments ADS1203 Datasheet HTML 11Page - Texas Instruments ADS1203 Datasheet HTML 12Page - Texas Instruments ADS1203 Datasheet HTML 13Page - Texas Instruments ADS1203 Datasheet HTML 14Page - Texas Instruments ADS1203 Datasheet HTML 15Page - Texas Instruments ADS1203 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
ADS1203
SBAS318C − JUNE 2004 − REVISED JANUARY 2008
www.ti.com
12
TYPICAL CHARACTERISTICS (continued)
AVDD = BVDD = +5V or VDD = +5V, VIN+ = −250mV to +250mV, VIN− = 0V, MCLK input = 20MHz, and 16-bit Sinc3 filter, with OSR = 256, unless
otherwise noted.
0
5
10
15
20
Frequency (kHz)
0
−20
−40
−60
−80
−100
−120
−140
FREQUENCY SPECTRUM
(4096 Point FFT, f
IN =1kHz, 0.5VPP)
0
5
10
15
20
Frequency (kHz)
0
−20
−40
−60
−80
−100
−120
−140
FREQUENCY SPECTRUM
(4096 Point FFT, f
IN = 5kHz, 0.5VPP)
CLOCK FREQUENCY vs TEMPERATURE
Temperature (
_C)
10.8
10.5
10.2
9.9
9.6
9.3
−40
40
60
80
20
0
−20
100
CLOCK FREQUENCY vs POWER SUPPLY
Power Supply (V)
10.5
10.3
10.1
9.9
9.7
9.5
4.5
5.1
5.3
4.9
4.7
5.5
COMMON−MODE REJECTION RATIO
vs FREQUENCY
Input Frequency (kHz)
110
105
100
95
90
85
80
75
70
65
60
110
100
POWER−SUPPLY REJECTION RATIO
vs FREQUENCY
Frequency of Power Supply (kHz)
90
85
80
75
70
65
60
55
50
0.1
10
1
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com