Electronic Components Datasheet Search
  English  ▼

X  

ADS1602 Datasheet(PDF) 21 Page - Texas Instruments

Part # ADS1602
Description  16-Bit, 2.5MSPS Analog-to-Digital Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1602 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS1602 Datasheet HTML 17Page - Texas Instruments ADS1602 Datasheet HTML 18Page - Texas Instruments ADS1602 Datasheet HTML 19Page - Texas Instruments ADS1602 Datasheet HTML 20Page - Texas Instruments ADS1602 Datasheet HTML 21Page - Texas Instruments ADS1602 Datasheet HTML 22Page - Texas Instruments ADS1602 Datasheet HTML 23Page - Texas Instruments ADS1602 Datasheet HTML 24Page - Texas Instruments ADS1602 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
C
P
C
P
C
P
C
P
C
P
C
P
C
P
C
P
1
36
DGND
2
3
9
10
11
12
18
42
41
55
38
37
34
33
19
22
23
AVDD
AVDD
AGND
AGND
C
P
6
7
AVDD
AGND
AGND
AVDD
47 F
m
47 F
m
47 F
m
4.7 F
m
1 F
m
0.1 F
m
0.1 F
m
0.1 F
m
1 F
m
1 F
m
4.7 F
m
4.7 F
m
15
10kW
ADS1602
Ifusingseparateanalogand
digitalgroundplanes,connect
togetherontheADS1602PCB.
DGND
AGND
AVDD
IOVDD
DVDD
ADS1602
www.ti.com
SBAS341E
– DECEMBER 2004 – REVISED OCTOBER 2011
POWER DOWN (PD)
POWER SUPPLIES
When not in use, the ADS1602 can be powered down
Three supplies are used on the ADS1602: analog
by taking the PD pin low. All circuitry is shut down,
(AVDD), digital (DVDD), and digital I/O (IOVDD).
including the voltage reference. To minimize the
Each supply must be suitably bypassed to achieve
digital current during power down, stop the clock
the best performance. It is recommended that a 1
μF
signal supplied to the CLK input. There is an internal
and 0.1
μF ceramic capacitor be placed as close to
pull-up resistor of 170k
Ω on the PD pin, but it is
each supply pin as possible. Connect each supply-pin
recommended that this pin be connected to IOVDD if
bypass capacitor to the associated ground, as shown
not used. Make sure to allow time for the reference to
in Figure 53. Each main supply bus should also be
start up after exiting power-down mode. The internal
bypassed with a bank of capacitors from 47
μF to
reference typically requires 15ms. After the reference
0.1
μF, as shown. The I/O and digital supplies (IOVDD
has stabilized, allow at least 100 conversions for the
and DVDD) can be connected together when using
modulator and digital filter to settle before retrieving
the same voltage. In this case, only one bank of 47
μF
data.
to 0.1
μF capacitors is needed on the main supply
bus, though each supply pin must still be bypassed
with a 1
μF and 0.1μF ceramic capacitor.
NOTE: CP = 1µF || 0.1µF.
Figure 53. Recommended Power-Supply Bypassing
Copyright
© 2004–2011, Texas Instruments Incorporated
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com