Electronic Components Datasheet Search
  English  ▼

X  

ADS1602 Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS1602
Description  16-Bit, 2.5MSPS Analog-to-Digital Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1602 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1602 Datasheet HTML 3Page - Texas Instruments ADS1602 Datasheet HTML 4Page - Texas Instruments ADS1602 Datasheet HTML 5Page - Texas Instruments ADS1602 Datasheet HTML 6Page - Texas Instruments ADS1602 Datasheet HTML 7Page - Texas Instruments ADS1602 Datasheet HTML 8Page - Texas Instruments ADS1602 Datasheet HTML 9Page - Texas Instruments ADS1602 Datasheet HTML 10Page - Texas Instruments ADS1602 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
36
35
34
33
32
31
30
29
28
27
26
25
DGND
NC
DVDD
DGND
FSO
FSO
DOUT
DOUT
SCLK
SCLK
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
AGND
AVDD
AGND
AINN
AINP
AGND
AVDD
RBIAS
AGND
AVDD
AGND
AVDD
48
47
46
45
44
43
42
41
40
39
38
13
14
15
16
17
18
19
20
21
22
23
37
24
ADS1602
TQFPPACKAGE
(TOPVIEW)
ADS1602
www.ti.com
SBAS341E
– DECEMBER 2004 – REVISED OCTOBER 2011
PIN ASSIGNMENTS
TERMINAL FUNCTIONS
TERMINAL
FUNCTION
DESCRIPTION
NAME
NO.
AGND
1, 3, 6, 9, 11, 39, 41
Analog
Analog ground
AVDD
2, 7, 10, 12, 42
Analog
Analog supply
AINN
4
Analog input
Negative analog input
AINP
5
Analog input
Positive analog input
RBIAS
8
Analog
Terminal for external analog bias setting resistor.
REFEN
13
Digital input: active low
Internal reference enable. Internal pull-down resistor of 170k
Ω to DGND.
NC
14, 16, 24
–26, 35
Do not connect
These terminals must be left unconnected.
RPULLUP
15
Digital input
Pull-up to DVDD with 10k
Ω resistor (see Figure 53).
PD
17
Digital input: active low
Power-down all circuitry. Internal pull-up resistor of 170k
Ω to DGND.
DVDD
18, 23, 34
Digital
Digital supply
DGND
19, 22, 33, 36, 38
Digital
Digital ground
SYNC
20
Digital input
Synchronization control input
OTR
21
Digital output
Indicates analog input signal is out of range.
SCLK
28
Digital output
Serial clock output
SCLK
27
Digital output
Serial clock output, complementary signal.
DOUT
30
Digital output
Data output
DOUT
29
Digital output
Data output, complementary signal.
FSO
32
Digital output
Frame synchronization output
FSO
31
Digital output
Frame synchronization output, complementary signal.
IOVDD
37
Digital
Digital I/O supply
CLK
40
Digital input
Clock input
VCAP
43
Analog
Terminal for external bypass capacitor connection to internal bias voltage.
VREFN
44, 45
Analog
Negative reference voltage
VMID
46
Analog
Midpoint voltage
VREFP
47, 48
Analog
Positive reference voltage
Copyright
© 2004–2011, Texas Instruments Incorporated
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com