Electronic Components Datasheet Search
  English  ▼

X  

ADS1602 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS1602
Description  16-Bit, 2.5MSPS Analog-to-Digital Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1602 Datasheet(HTML) 3 Page - Texas Instruments

  ADS1602 Datasheet HTML 1Page - Texas Instruments ADS1602 Datasheet HTML 2Page - Texas Instruments ADS1602 Datasheet HTML 3Page - Texas Instruments ADS1602 Datasheet HTML 4Page - Texas Instruments ADS1602 Datasheet HTML 5Page - Texas Instruments ADS1602 Datasheet HTML 6Page - Texas Instruments ADS1602 Datasheet HTML 7Page - Texas Instruments ADS1602 Datasheet HTML 8Page - Texas Instruments ADS1602 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
f
40MHz
CLK
(
)
2.5
ADS1602
www.ti.com
SBAS341E
– DECEMBER 2004 – REVISED OCTOBER 2011
ELECTRICAL CHARACTERISTICS
All specifications at TA = –40°C to +85°C, AVDD = 5V, DVDD = IOVDD = 3V, fCLK = 40MHz, external VREF = +3V, VCM =
+1.45V, and RBIAS = 37kΩ, unless otherwise noted.
ADS1602
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analog Input
Differential input voltage (VIN) (AINP – AINN)
0dBFS
±VREF
V
Common-mode input voltage (VCM) (AINP + AINN) / 2
1.45
V
Absolute input voltage
–0.1
4.6
V
(AINP or AINN with respect to AGND)
Dynamic Specifications
Data rate
MSPS
fIN = 10kHz, –1dBFS
92
dB
fIN = 10kHz, –3dBFS
87
90
dB
fIN = 10kHz, –6dBFS
84
87
dB
fIN = 100kHz, –1dBFS
91
dB
Signal-to-noise ratio (SNR)
fIN = 100kHz, –3dBFS
87
89
dB
fIN = 100kHz, –6dBFS
84
86
dB
fIN = 800kHz, –1dBFS
91
dB
fIN = 800kHz, –3dBFS
89
dB
fIN = 800kHz, –6dBFS
86
dB
fIN = 10kHz, –1dBFS
–94
dB
fIN = 10kHz, –3dBFS
–106
–92
dB
fIN = 10kHz, –6dBFS
–108
–93
dB
fIN = 100kHz, –1dBFS
–90
dB
Total harmonic distortion (THD)
fIN = 100kHz, –3dBFS
–96
–90
dB
fIN = 100kHz, –6dBFS
–101
–92
dB
fIN = 800kHz, –1dBFS
–116
dB
fIN = 800kHz, –3dBFS
–114
dB
fIN = 800kHz, –6dBFS
–110
dB
fIN = 10kHz, –1dBFS
89
dB
fIN = 10kHz, –3dBFS
85
90
dB
fIN = 10kHz, –6dBFS
82
87
dB
fIN = 100kHz, –1dBFS
87
dB
Signal-to-noise + distortion (SINAD)
fIN = 100kHz, –3dBFS
85
88
dB
fIN = 100kHz, –6dBFS
82
86
dB
fIN = 800kHz, –1dBFS
91
dB
fIN = 800kHz, –3dBFS
89
dB
fIN = 800kHz, –6dBFS
86
dB
fIN = 10kHz, –1dBFS
95
dB
fIN = 10kHz, –3dBFS
90
107
dB
fIN = 10kHz, –6dBFS
93
112
dB
fIN = 100kHz, –1dBFS
91
dB
Spurious-free dynamic range (SFDR)
fIN = 100kHz, –3dBFS
90
96
dB
fIN = 100kHz, –6dBFS
93
103
dB
fIN = 800kHz, –1dBFS
120
dB
fIN = 800kHz, –3dBFS
119
dB
fIN = 800kHz, –6dBFS
114
dB
f1 = 995kHz, –6dBFS
Intermodulation distortion (IMD)
94
dB
f2 = 1005kHz, –6dBFS
Aperture delay
4
ns
Copyright
© 2004–2011, Texas Instruments Incorporated
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com