Electronic Components Datasheet Search
  English  ▼

X  

AFE5805ZCF Datasheet(PDF) 35 Page - Texas Instruments

Part # AFE5805ZCF
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.85nV/√Hz, 12-Bit, 50MSPS, 122mW/Channel
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5805ZCF Datasheet(HTML) 35 Page - Texas Instruments

Back Button AFE5805ZCF Datasheet HTML 31Page - Texas Instruments AFE5805ZCF Datasheet HTML 32Page - Texas Instruments AFE5805ZCF Datasheet HTML 33Page - Texas Instruments AFE5805ZCF Datasheet HTML 34Page - Texas Instruments AFE5805ZCF Datasheet HTML 35Page - Texas Instruments AFE5805ZCF Datasheet HTML 36Page - Texas Instruments AFE5805ZCF Datasheet HTML 37Page - Texas Instruments AFE5805ZCF Datasheet HTML 38Page - Texas Instruments AFE5805ZCF Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 53 page
background image
EN_SDR= '1',FALL_SDR='0'
FCLKP
LCLKP
OUTP
EN_SDR= '1',FALL_SDR='1'
FCLKP
LCLKP
OUTP
AFE5805
www.ti.com
SBOS421D – MARCH 2008 – REVISED MARCH 2010
In addition to programming the phase of LCLK in the DDR mode, the device can also be made to operate in SDR
mode by setting the EN_SDR bit to '1'. In this mode, the bit clock (LCLK) is output at 12 times the input clock, or
twice the rate as in DDR mode. Depending on the state of FALL_SDR, LCLK may be output in either of the two
manners shown in Figure 45. As Figure 45 illustrates, only the LCLK rising (or falling) edge is used to capture the
output data in SDR mode.
Figure 45. SDR Interface Modes
The SDR mode does not work well beyond 40MSPS because the LCLK frequency becomes very high.
DATA OUTPUT FORMAT MODES
The ADC output, by default, is in straight offset binary mode. Programming the BTC_MODE bit to '1' inverts the
MSB, and the output becomes binary two's complement mode.
Also by default, the first bit of the frame (following the rising edge of FCLKP) is the LSB of the ADC output.
Programming the MSB_FIRST mode inverts the bit order in the word, and the MSB is output as the first bit
following the FCLKP rising edge.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): AFE5805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com