Electronic Components Datasheet Search
  English  ▼

X  

AFE5805ZCF Datasheet(PDF) 39 Page - Texas Instruments

Part # AFE5805ZCF
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.85nV/√Hz, 12-Bit, 50MSPS, 122mW/Channel
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5805ZCF Datasheet(HTML) 39 Page - Texas Instruments

Back Button AFE5805ZCF Datasheet HTML 35Page - Texas Instruments AFE5805ZCF Datasheet HTML 36Page - Texas Instruments AFE5805ZCF Datasheet HTML 37Page - Texas Instruments AFE5805ZCF Datasheet HTML 38Page - Texas Instruments AFE5805ZCF Datasheet HTML 39Page - Texas Instruments AFE5805ZCF Datasheet HTML 40Page - Texas Instruments AFE5805ZCF Datasheet HTML 41Page - Texas Instruments AFE5805ZCF Datasheet HTML 42Page - Texas Instruments AFE5805ZCF Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
A1
R
G
A2
Clamp
Gain
Control
Bits
From
Attenuator
Clamp
Control
Bit
To
Low-Pass
Filter
PGA
VCM
(+1.65V)
ToADC
Inputs
AFE5805
www.ti.com
SBOS421D – MARCH 2008 – REVISED MARCH 2010
PROGRAMMABLE POST-GAIN AMPLIFIER
(PGA)
PROGRAMMABLE CLAMPING
Following the VCA is a programmable post-gain
amplifier
(PGA).
Figure
48
shows
a
simplified
To further optimize the overload recovery behavior of
schematic of the PGA, including the clamping stage.
a complete TGC channel, the AFE5805 integrates a
The gain of this PGA can be configured to four
programmable
clamping
stage,
as
shown
in
different gain settings: 20dB, 25dB, 27dB, and 30dB,
Figure
49.
This
clamping
stage
precedes
the
programmable through the serial port; see Table 10.
low-pass filter in order to prevent the filter circuit from
being driven into overload, the result of which would
The
PGA
structure
consists
of
a
differential,
be
an
extended
recovery
time.
Programmable
programmable-gain
voltage-to-current
converter
through the serial interface, the clamping level can be
stage followed by transimpedance amplifiers to buffer
either set to clamp the signal level to approximately
each side of the differential output. Low input noise is
1.7VPP differential, or be disabled. Disabling the
also a requirement for the PGA design as a result of
clamp function increases the current consumption on
the large amount of signal attenuation that can be
the 3.3V analog supply (AVDD2) by about 3mA for
applied in the preceding VCA stage. At minimum
the full device. Note that with the clamp function
VCA attenuation (used for small input signals), the
enabled, the third-harmonic distortion increases.
LNA noise dominates; at maximum VCA attenuation
(large input signals), the attenuator and PGA noise
LOW-PASS FILTER
dominate.
The AFE5805 integrates an anti-aliasing filter in the
form of a programmable low-pass filter (LPF) for each
channel. The LPF is designed as a differential, active,
second-order
filter
that
approximates
a
Bessel
characteristic, with typically 12dB per octave roll-off.
Figure 49 shows the simplified schematic of half the
differential
active
low-pass
filter.
Programmable
through the serial interface, the –3dB frequency
corner can be set to either 10MHz or 15MHz. The
filter bandwidth is set for all channels simultaneously.
Figure 48. Post-Gain Amplifier
(Simplified Schematic)
Figure 49. Clamping Stage and Low-Pass Filter (Simplified Schematic)
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): AFE5805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com