Electronic Components Datasheet Search
  English  ▼

X  

AFE5805ZCF Datasheet(PDF) 49 Page - Texas Instruments

Part # AFE5805ZCF
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.85nV/√Hz, 12-Bit, 50MSPS, 122mW/Channel
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5805ZCF Datasheet(HTML) 49 Page - Texas Instruments

Back Button AFE5805ZCF Datasheet HTML 45Page - Texas Instruments AFE5805ZCF Datasheet HTML 46Page - Texas Instruments AFE5805ZCF Datasheet HTML 47Page - Texas Instruments AFE5805ZCF Datasheet HTML 48Page - Texas Instruments AFE5805ZCF Datasheet HTML 49Page - Texas Instruments AFE5805ZCF Datasheet HTML 50Page - Texas Instruments AFE5805ZCF Datasheet HTML 51Page - Texas Instruments AFE5805ZCF Datasheet HTML 52Page - Texas Instruments AFE5805ZCF Datasheet HTML 53Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
AFE5805
www.ti.com
SBOS421D – MARCH 2008 – REVISED MARCH 2010
REVISION HISTORY
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (October, 2008) to Revision D
Page
•
Changed Output transconductance specification notation from V/I to IOUT/VIN ..................................................................... 4
•
Changed Input clock (FCLK) rising edge to ADC input clock for Clock propagation delay parameter description ............ 13
•
Changed Input clock (FCLK) rising edge to ADC input clock for Clock propagation delay parameter description ............ 13
•
Corrected PD polarity and notation in Figure 38 ................................................................................................................ 20
•
Changed CS input line connection to SPI interface and register block in Figure 41 .......................................................... 21
•
Changed footnote 2 for Table 2 .......................................................................................................................................... 23
•
Changed ADC_RESET to ADS_RESET in VCA Reset section ......................................................................................... 25
•
Changed hyperlink pointer in paragraph five of Power-Down Modes section .................................................................... 29
•
Changed last sentence of second paragraph in CLOCK JITTER, POWER NOISE, SNR, AND LVDS TIMING ............... 47
•
Added 02, 0080h to Table 19 ............................................................................................................................................. 47
•
Changed note a; updated values of current increase from 4mW to 8mW and 0.6mA to 1.9mA ....................................... 47
Changes from Revision B (July, 2008) to Revision C
Page
•
Corrected VCM subscript for common-mode voltage (internal) and VCM output current ........................................................ 4
•
Changed AVDD2 to AVDD1 in description of pin L9 .......................................................................................................... 10
•
Added statement about register initialization to Register Initialization section ................................................................... 21
•
Changed bit D7 for address 42; added values of '1' for all four functions .......................................................................... 24
•
Changed VCM pin to CM pin .............................................................................................................................................. 24
•
Revised External Reference section, Equation 1 and Equation 2 to reflect CM pin instead of VCM pin ........................... 33
•
Corrected second paragraph of Analog-to-Digital Conversion section to change VCM to CM .......................................... 40
•
Changed total input capacitance description from 30pF to 16pF ....................................................................................... 41
•
Changed VCM to CM .......................................................................................................................................................... 45
•
Changed common-mode voltage VCM to VCM and related references to CM pin, including Equation 3 and
Equation 4 ........................................................................................................................................................................... 46
•
Changed VCM to VCM ......................................................................................................................................................... 47
•
Added CLOCK JITTER, POWER NOISE, SNR, AND LVDS TIMING, Clock Jitter, Power Noise, SNR, and LVDS
Timing ................................................................................................................................................................................. 47
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Link(s): AFE5805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com