Electronic Components Datasheet Search
  English  ▼

X  

PXD Datasheet(PDF) 2 Page - TDK Electronics

Part # PXD
Description  Single and Dual Output 10 to 20W DC-DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

PXD Datasheet(HTML) 2 Page - TDK Electronics

  PXD Datasheet HTML 1Page - TDK Electronics PXD Datasheet HTML 2Page - TDK Electronics PXD Datasheet HTML 3Page - TDK Electronics PXD Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PXD Series
2
Model Selector
Output
Output
Output
Input
Efficiency
Volt (V)
Current (A)
Power (W)
Volt (V)
Model
(%)
3.3
2.0
6.6
9 - 18VDC
PXD10-12S3P3
80
3.3
2.0
6.6
18 - 36VDC
PXD10-24S3P3
80
3.3
2.0
6.6
36 - 75VDC
PXD10-48S3P3
79
3.3
5.0
16.5
9 - 18VDC
PXD20-12S3P3
84
3.3
5.0
16.5
18 - 36VDC
PXD20-24S3P3
86
3.3
5.0
16.5
36 - 75VDC
PXD20-48S3P3
87
5
2.0
10
9 - 36VDC
PXD10-24WS05
80
5
2.0
10
18 - 75VDC
PXD10-48WS05
80
5
4.0
20
9 - 18VDC
PXD20-12S05
87
5
4.0
20
18 - 36VDC
PXD20-24S05
89
5
4.0
20
36 - 75VDC
PXD20-48S05
89
12
0.83
10
9 - 36VDC
PXD10-24WS12
82
12
0.83
10
18 - 75VDC
PXD10-48WS12
84
12
1.67
20
9 - 18VDC
PXD20-12S12
85
12
1.67
20
18 - 36VDC
PXD20-24S12
87
12
1.67
20
36 - 75VDC
PXD20-48S12
88
15
0.67
10
9 - 36VDC
PXD10-24WS15
80
15
0.67
10
18 - 75VDC
PXD10-48WS15
84
15
1.33
20
9 - 18VDC
PXD20-12S15
85
15
1.33
20
18 - 36VDC
PXD20-24S15
87
15
1.33
20
36 - 75VDC
PXD20-48S15
87
Dual Outputs
±5
±1.0
10
18 - 75VDC
PXD10-48WD05
82
±5
±1.0
10
9 - 36VDC
PXD10-24WD05
82
±5
±1.5
15
9 - 18VDC
PXD15-12D05
83
±5
±1.5
15
18 - 36VDC
PXD15-24D05
84
±5
±1.5
15
36 - 75VDC
PXD15-48D05
85
±12
±0.416
10
9 - 36VDC
PXD10-24WD12
80
±12
±0.416
10
18 - 75VDC
PXD10-48WD12
78
±12
±0.833
20
9 - 18VDC
PXD20-12D12
86
±12
±0.833
20
18 - 36VDC
PXD20-24D12
87
±12
±0.833
20
36 - 75VDC
PXD20-48D12
88
±15
±0.333
10
9 - 36VDC
PXD10-24WD15
80
±15
±0.333
10
18 - 75VDC
PXD10-48WD15
81
±15
±0.667
20
9 - 18VDC
PXD20-12D15
86
±15
±0.667
20
18 - 36VDC
PXD20-24D15
87
±15
±0.667
20
36 - 75VDC
PXD20-48D15
87
Notes:
(1) With external ceramic capacitor (24V: 4.7µF, 48V: 2.2µF) connected across input pins
(2) For EN61000-4-4 & -5 compliance fit external electrolytic capacitor (24V: 330µF, 48V: 220µF) connected across input pins
* OTHER MODELS AVAILABLE ON REQUEST *
Pin#
Function
Single Output
Dual Output
1
+ Input
+ Input
2
- Input
- Input
3
+ Output
+ Output
4
Trim (20W only)
Common
5
- Output
- Output
6
Remote On/Off
Remote On/Off
Pinout
Specification Notes: (1) To meet regulation & noise specifications. Operation at zero load will not damage the device.
(2) 12µH source impedance in series with + input (3) Positive logic standard on 20W (see options table). Input current 2.5mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com