Electronic Components Datasheet Search
  English  ▼

X  

PXD Datasheet(PDF) 3 Page - TDK Electronics

Part # PXD
Description  Single and Dual Output 10 to 20W DC-DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

PXD Datasheet(HTML) 3 Page - TDK Electronics

  PXD Datasheet HTML 1Page - TDK Electronics PXD Datasheet HTML 2Page - TDK Electronics PXD Datasheet HTML 3Page - TDK Electronics PXD Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Outline Drawing PXD Series
Derating Curves PXD Series
PXD20
Options
Single Output
Dual Output
Suffix
Function
Function
No Suffix
No Logic & No Trim
No Logic & No Trim
P
Positive Logic
Positive Logic
(No Trim Function)
(No Trim Function)
N
Negative Logic
Negative Logic
(No Trim Function)
(No Trim Function)
Add suffix for reguired options, Example PXD15-48S12-N
PXD10 & 15 Series
Options
Single Output
Dual Output
Suffix
Function
Function
No Suffix
Positive Logic & Output Trim
Positive Logic
(No Trim Function)
N
Negative Logic & Output Trim
Negative Logic
(No Trim Function)
Add suffix for N option, Example PXD20-48S12-N
PXD20 Series
PXD Series
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com