Electronic Components Datasheet Search
  English  ▼

X  

PXD Datasheet(PDF) 1 Page - TDK Electronics

Part # PXD
Description  Single and Dual Output 10 to 20W DC-DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

PXD Datasheet(HTML) 1 Page - TDK Electronics

  PXD Datasheet HTML 1Page - TDK Electronics PXD Datasheet HTML 2Page - TDK Electronics PXD Datasheet HTML 3Page - TDK Electronics PXD Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PXD Series
1
PXD Series
Single and Dual Output 10 to 20W
DC-DC Converters
Key Market Segments & Applications
Telecom
Datacom
Point of Load
• Industry Standard 2” x 1” Footprint
• Six Sided Shielding
• Agency Approved
• 12V, 24V and 48V Inputs
PXD Features and Benefits
Features
Benefits
• UL, CSA, EN, CE Approvals
• Easier System Approvals
• Wide Range Input
• Less Parts to Inventory
• Six Sided Shielding
• Reduced Radiated Noise
Specifications
ITEMS
PXD10
PXD15
PXD20
Max Output Power
10W
15W
20W
Voltage Accuracy
±2%
±1%
±1%
Voltage Adjustment (Single O/P Only)
None
None
±10%
Minimum Load, each output
(1)
10%
10%
Single 0%; Dual 10%
Line Regulation
±1%
±1%
±0.2%
Load Regulation (10% to 100%)
Single Output: ±1%
Single Output: ±1%
±0.5%
Dual Output: ±2%
Dual Output: ±2%
–
Cross Regulation (25% to 100%)
±5%
Ripple and Noise
Single 50mV, Dual 75mV
Single 75mV, Dual 100mV
Start up time
20ms
10ms
Remote on/off
(3)
Positive Logic: ON: Open or 3.5-12V, OFF Short or <1.2V
Negative Logic: ON: Short or <1.2V, OFF: Open or 3.5-12V
Temperature Coefficient
<±0.02%/°C
Operating Temperature
-40°C to +85°C (model dependent - see derating curves)
Maximum Case Temperature
+100°C
Storage Temperature
-55°C to +105°C
Thermal Shock
MIL-STD-810D
Relative Humidity
5 to 95% (non condensing)
Transient Response (25% step load chg.)
500µS recovery
500µS recovery
300µS recovery
Overvoltage Protection (Zener clamp)
1.5-3.3V: 3.9V, 5V: 6.2V, 12V: 15V, 15V: 18V
Overcurrent & Short Circuit Protection
Typically at 150%, hiccup with self recovery
Input Surge Voltage (Max. for 100ms)
12V input: 36V, 24V input: 50V, 48V input: 100V
Reflected input ripple (peak to peak)
(2)
30mA
20mA
20mA
Isolation Voltage
1600VDC minimum
Isolation Resistance
109 Ω minimum
Isolation Capacitance (max)
300pF
1000pF
Typical Switching Frequency (Fixed)
300kHz
Single: 500kHz
500kHz
Dual: 300kHz
MTBF (BELLCORE TR-NWT-000332)
1,976,000 hours
2,041,000 hours
1,791,000 hours
Vibration
10 - 55Hz, 2G, 30 minutes each X, Y, Z axis
Conducted and Radiated Emissions
EN55022 Level A
Immunity
EN61000-4-2, -3, -4, -5, -6 Pref Criteria 2
Safety Agency Approval
IEC606950, UL1950, EN60950, CE Mark (48V input only)
Size mm (L x W x H)
50.8 x 25.4 x 10.2
Weight (g)
27
Warranty (yrs)
2


Similar Part No. - PXD

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PXD TDK-PXD Datasheet
163Kb / 2P
10-20W Single and Dual Output DC-DC Converters
Revision B2: Apr 2015
PXD-M TDK-PXD-M Datasheet
635Kb / 5P
30W Medical and Industrial DC-DC Converters
August 5th, 2020 v1.5
PXD-M30-24WD05 TDK-PXD-M30-24WD05 Datasheet
283Kb / 2P
DC-DC Converters
PXD-M30-24WD05 TDK-PXD-M30-24WD05 Datasheet
635Kb / 5P
30W Medical and Industrial DC-DC Converters
August 5th, 2020 v1.5
PXD-M30-24WD12 TDK-PXD-M30-24WD12 Datasheet
283Kb / 2P
DC-DC Converters
More results

Similar Description - PXD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP501 ETC1-TP501 Datasheet
211Kb / 2P
10 to 12 WATT SINGLE and DUAL OUTPUT DC-DC CONVERTERS
logo
Total Power Internation...
MKW3000 TOTAL-POWER-MKW3000 Datasheet
230Kb / 8P
20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MKW3000 MINMAX-MKW3000 Datasheet
230Kb / 8P
20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Chinfa Electronics Ind....
WDD20-03S1U CHINFA-WDD20-03S1U Datasheet
409Kb / 8P
DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
logo
Minmax Technology Co., ...
MPW2100 MINMAX-MPW2100 Datasheet
179Kb / 8P
20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Chinfa Electronics Ind....
WDD20-03S1U CHINFA-WDD20-03S1U_10 Datasheet
423Kb / 8P
DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
logo
TDK Electronics
PXD1024WS05 TDK-PXD1024WS05 Datasheet
398Kb / 2P
Single and Dual Output 10 to 20W DC-DC Converters
logo
Murata Manufacturing Co...
BWR-15-670-D12A MURATA-BWR-15-670-D12A Datasheet
161Kb / 6P
15-20W, Dual Output DC/DC Converters
logo
TDK Electronics
PXE2048WD05 TDK-PXE2048WD05 Datasheet
307Kb / 2P
Single and Dual Output 20W to 30W DC-DC Converters
PYD20 TDK-PYD20 Datasheet
1Mb / 5P
20W Single and Dual Output DC-DC converters
September 2, 2022 V1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com