Electronic Components Datasheet Search
  English  ▼

X  

BQ2000TPW Datasheet(PDF) 18 Page - Texas Instruments

Part # BQ2000TPW
Description  Programmable Multi-Chemistry Fast-Charge Management IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2000TPW Datasheet(HTML) 18 Page - Texas Instruments

Back Button BQ2000TPW Datasheet HTML 14Page - Texas Instruments BQ2000TPW Datasheet HTML 15Page - Texas Instruments BQ2000TPW Datasheet HTML 16Page - Texas Instruments BQ2000TPW Datasheet HTML 17Page - Texas Instruments BQ2000TPW Datasheet HTML 18Page - Texas Instruments BQ2000TPW Datasheet HTML 19Page - Texas Instruments BQ2000TPW Datasheet HTML 20Page - Texas Instruments BQ2000TPW Datasheet HTML 21Page - Texas Instruments BQ2000TPW Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
bq2000T
SLUS149D – MAY 1999 – REVISED JANUARY 2010
www.ti.com
REVISION HISTORY
Changes from Original (January 1999) to Revision 1
Page
•
Changed the device status From: Preliminary To: Final ....................................................................................................... 1
•
Added state diagram ............................................................................................................................................................. 4
•
Changed minimum current termination From: 14% To: 7% ................................................................................................. 9
•
Changed capacitor value for enabling top-off From: 0.13 µF To: 0.26 µF ........................................................................... 9
•
Changed Figure 11 ............................................................................................................................................................. 13
•
Changed VTCO ..................................................................................................................................................................... 14
•
Changed VHTF ..................................................................................................................................................................... 14
•
Changed VLTF ...................................................................................................................................................................... 14
Changes from Revision 1 (May 1999) to Revision 2
Page
•
Changed minimum current (for fast-charge termination) From: IMAX/7 To: IMAX/14 ............................................................. 15
Changes from Revision 2 (February 2000) to Revision 3
Page
•
Changed ordering information .............................................................................................................................................. 1
•
Changed Figure 1 - connection added between TS and ADC and connection deleted between BAT and ADC ................ 3
•
Changed Figure 2 - battery temperature From: (checked at all times) To: (sampled every 16 seconds for
ΔT/Δt) ............ 4
Changes from Revision 3 (February 2001) to Revision 4
Page
•
Changed resistor value From: 15 k
Ω To: 250 kΩ ................................................................................................................. 9
Changes from Revision 4 (January 2008) to Revision D
Page
•
Changed the data sheet throughout ..................................................................................................................................... 1
18
Submit Documentation Feedback
Copyright © 1999–2010, Texas Instruments Incorporated
Product Folder Link(s): bq2000T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com